Electronic Components Datasheet Search
  English  ▼

X  

LT1637 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1637
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637 Datasheet(HTML) 3 Page - Linear Technology

  LT1637 Datasheet HTML 1Page - Linear Technology LT1637 Datasheet HTML 2Page - Linear Technology LT1637 Datasheet HTML 3Page - Linear Technology LT1637 Datasheet HTML 4Page - Linear Technology LT1637 Datasheet HTML 5Page - Linear Technology LT1637 Datasheet HTML 6Page - Linear Technology LT1637 Datasheet HTML 7Page - Linear Technology LT1637 Datasheet HTML 8Page - Linear Technology LT1637 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC6258/LTC6259/LTC6260
6258960fa
3
For more information www.linear.com/LTC6258
ORDER INFORMATION
5V ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VSUPPLY = 5V, VCM = VOUT = VSUPPLY/2, CL = 10pF, VSHDN is unconnected.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V– + 0.3V
l
–400
–1000
100
400
1000
µV
µV
VCM = V+ – 0.3V
l
–400
–1000
100
400
1000
µV
µV
∆VOS/∆T Input Offset Voltage Drift
VCM = V– + 0.3V, V+ – 0.3V
1.5
µV/°C
IB
Input Bias Current (Note 7)
VCM = V– + 0.3V
l
–75
–5
75
nA
VCM = V+ – 0.3V
l
–75
0
75
nA
IOS
Input Offset Current
VCM = V– + 0.3V
l
–75
–1
75
nA
VCM = V+ – 0.3V
l
–75
–1
75
nA
en
Input Voltage Noise Density
f = 1kHz
38
nV/√Hz
Input Noise Voltage
f = 0.1Hz to 10Hz
2
µVP-P
in
Input Current Noise Density
f = 1kHz, VCM = 0V to 4V
f = 1kHz, VCM = 4V to 5V
500
500
fA/√Hz
fA/√Hz
RIN
Input Resistance
Differential
Common Mode
1
10
MΩ
MΩ
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LTC6258IS6#TRMPBF
LTC6258IS6#TRPBF
LTGWD
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6258HS6#TRMPBF
LTC6258HS6#TRPBF
LTGWD
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6258IDC#TRMPBF
LTC6258IDC#TRPBF
LGZS
6-Lead Plastic DFN (2mm × 2mm × 0.8mm)
–40°C to 85°C
LTC6258HDC#TRMPBF
LTC6258HDC#TRPBF
LGZS
6-Lead Plastic DFN (2mm × 2mm × 0.8mm)
–40°C to 125°C
LTC6259ITS8#TRMPBF
LTC6259ITS8#TRPBF
LTGWX
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC6259HTS8#TRMPBF
LTC6259HTS8#TRPBF
LTGWX
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC6259IDC#TRMPBF
LTC6259IDC#TRPBF
LGWT
8-Lead (2mm × 2mm × 0.8mm) Plastic DFN
–40°C to 85°C
LTC6259HDC#TRMPBF
LTC6259HDC#TRPBF
LGWT
8-Lead (2mm × 2mm × 0.8mm) Plastic DFN
–40°C to 125°C
TUBE
LTC6259IMS8#PBF
LTC6259IMS8#TRPBF
LTGWW
8-Lead Plastic MSOP
–40°C to 85°C
LTC6259HMS8#PBF
LTC6259HMS8#TRPBF
LTGWW
8-Lead Plastic MSOP
–40°C to 125°C
LTC6259IMS#PBF
LTC6259IMS8#TRPBF
LTGWY
10-Lead Plastic MSOP
–40°C to 85°C
LTC6259HMS#PBF
LTC6259HMS8#TRPBF
LTGWY
10-Lead Plastic MSOP
–40°C to 125°C
LTC6260IMS#PBF
LTC6260IMS#TRPBF
6260
16-Lead Plastic MSOP
–40°C to 85°C
LTC6260HMS#PBF
LTC6260HMS#TRPBF
6260
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Parts ending with PBF are RoHS and WEEE Compliant.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/.
http://www.linear.com/product/LTC6258#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com