Electronic Components Datasheet Search
  English  ▼

X  

LT1636 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1636
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1636 Datasheet HTML 8Page - Linear Technology LT1636 Datasheet HTML 9Page - Linear Technology LT1636 Datasheet HTML 10Page - Linear Technology LT1636 Datasheet HTML 11Page - Linear Technology LT1636 Datasheet HTML 12Page - Linear Technology LT1636 Datasheet HTML 13Page - Linear Technology LT1636 Datasheet HTML 14Page - Linear Technology LT1636 Datasheet HTML 15Page - Linear Technology LT1636 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTC6261/LTC6262/LTC6263
12
626123fa
For more information www.linear.com/LTC6261
operAtion
ApplicAtions inForMAtion
The LTC6261 family input signal range extends slightly
beyond the negative and positive power supplies. The
output can even extend all the way to the negative supply
with the proper external pull-down current source. Figure
1 depicts a Simplified Schematic of the amplifier. The
input stage is comprised of two differential amplifiers, a
PNP stage Q1/Q2 and NPN stage Q3/Q4 that are active
over different ranges of common mode input voltage. The
PNP stage is active between the negative power supply
to approximately 1V below the positive supply. As the
input voltage approaches the positive supply, transistor
Q5 will steer the tail current I1 to the current mirror Q6/
Q7, activating the NPN differential pair and the PNP pair
becomes inactive for the remaining input common mode
range. Also for the input stage, devices Q17, Q18 and
Q19 act to cancel the bias current of the PNP input pair.
When Q1/Q2 is active, the current in Q16 is controlled to
be the same as the current Q1/Q2. Thus, the base current
of Q16 is normally equal to the base current of the input
devices of Q1/Q2. Similar circuitry (not shown) is used to
cancel the base current of Q3/Q4. The buffer and output
bias stage uses a special compensation technique to take
full advantage of the process technology to drive high
capacitive loads. The common emitter topology of Q14/
Q15 enables the output to swing from rail-to-rail.
Low Supply Voltage and Low Power Consumption
The LTC6261 family of operational amplifiers can oper-
ate with power supply voltages from 1.8V to 5.25V. Each
amplifier draws 240µA. The low supply voltage capability
and low supply current are ideal for portable applications.
High Capacitive Load Driving Capability and Wide
Bandwidth
The LTC6261 family is optimized for wide bandwidth and
low power applications. They have an extremely high
gain-bandwidth to power ratio and are unity gain stable
(seeTypicalPerformanceCharacteristics,CapacitiveLoad
Handling). Higher gain configurations tend to have better
capacitive drive capability than lower gain configurations
due to lower closed loop bandwidth and hence higher
phase margin.
Low Input Referred Noise
The LTC6261 family provides a low input referred noise of
13nV/√Hzat10kHz.Theaveragenoisevoltagedensityover
1MHz of bandwidth is less than 15nV/√Hz. The LTC6261
family is ideal for low noise and low power signal process-
ing applications.
Low Input Offset Voltage
The LTC6261 family has a low offset voltage of 1mV maxi-
mum. The offset voltage is trimmed with a proprietary
algorithm to ensure low offset voltage over the entire
common mode voltage range.
Low Input Bias Current
TheLTC6261familyusesabiascurrentcancellationcircuit
tocompensateforthebasecurrentoftheinputtransistors.
When the input common mode voltage is within 200mV of
either rail, the bias cancellation circuit is no longer active.
For common mode voltages ranging from 0.2V above the
negative supply to 0.2V below the positive supply, the
low input bias current allows the amplifiers to be used in
applications with high resistance sources.
Ground Sensing and Rail-to-Rail Output
The LTC6261 family has excellent output drive capability,
delivering over 10mA of output drive current. The output
stageisarail-to-railtopologythatiscapableofswingingto
within 250mV of either rail. If output swing to the negative
rail is required, an external pull down resistor to a negative
supply can be added. For 5V/0V op amp supplies, a pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com