Electronic Components Datasheet Search
  English  ▼

X  

LT6012 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6012
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6012 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6012 Datasheet HTML 5Page - Linear Technology LT6012 Datasheet HTML 6Page - Linear Technology LT6012 Datasheet HTML 7Page - Linear Technology LT6012 Datasheet HTML 8Page - Linear Technology LT6012 Datasheet HTML 9Page - Linear Technology LT6012 Datasheet HTML 10Page - Linear Technology LT6012 Datasheet HTML 11Page - Linear Technology LT6012 Datasheet HTML 12Page - Linear Technology LT6012 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC6258/LTC6259/LTC6260
6258960fa
9
For more information www.linear.com/LTC6258
TYPICAL PERFORMANCE CHARACTERISTICS
Total Harmonic Distortion
and Noise
Total Harmonic Distortion
and Noise
Gain and Phase vs Frequency
Noise Voltage Density
vs Frequency
Input Referred Current Noise
vs Frequency
Slew Rate vs Supply Voltage
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
VS = ±2.5V
VCM = 0V
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
0
50
100
150
200
250
300
350
400
450
500
6258 G19
VS = 2.5V
VCM = 0V
FREQUENCY (MHz)
0.1
1
0.01
0.1
1
10
6258 G20
VS = ±0.9V
VCM = 0V
AV = 2
RG = RF = 10kΩ
1kHz
500Hz
VOUTP–P (V)
0.01
0.1
1
0.01
0.1
1
6259 G21
VS = ±2.5V
VCM = 0V
AV = 2
RG = RF = 10kΩ
1kHz
500Hz
VOUTP-P (V)
0.01
0.1
1
10
0.01
0.1
1
6258 G23
VS = ±2.5V
VCM = 0V
GAIN
PHASE
FREQUENCY (Hz)
10k
100k
1M
10M
–50
–40
–30
–20
–10
0
10
20
30
40
50
0
9
18
27
36
45
54
63
72
81
90
6258 G23
VSTEP = VS – 1V
AV = –1
RG=RF = 10kΩ
RISING
FALLING
SUPPLY VOLTAGE (V)
1.8
2.6
3.4
4.2
5
0
0.1
0.2
0.3
0.4
0.5
6258 G24
VS = 5V
VCM = ±2.5V
VCM = 0V
FREQUENCY (Hz)
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
6258 G25
VS = 5V
VCM = 0.4V
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
6258 G26
VS = ±2.5V
VCM = 0V
AV = 1
VIN = ±2V
CAPACITIVE LOAD (nF)
0.01
0.1
1
10
100
0
1
2
3
4
5
6258 G27
Capacitive Load Handling
Overshoot vs Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com