Electronic Components Datasheet Search
  English  ▼

X  

LT1782 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1782
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1782 Datasheet HTML 15Page - Linear Technology LT1782 Datasheet HTML 16Page - Linear Technology LT1782 Datasheet HTML 17Page - Linear Technology LT1782 Datasheet HTML 18Page - Linear Technology LT1782 Datasheet HTML 19Page - Linear Technology LT1782 Datasheet HTML 20Page - Linear Technology LT1782 Datasheet HTML 21Page - Linear Technology LT1782 Datasheet HTML 22Page - Linear Technology LT1782 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC6258/LTC6259/LTC6260
6258960fa
19
For more information www.linear.com/LTC6258
APPLICATIONS INFORMATION
It is interesting to note that the LED current depends on
the supply in this implementation in as much as the supply
feeds through R2 and R3 to create a reference. The supply
also figures into the time of the on and off cycle since the
supply powers the edge detection and relaxation part of
the circuitry. When the supply falls, the LED current drops
and the cycle time increases. This change of behavior
can help in battery powered LED blinking applications to
predict end of life.
The figure shows the sense resistor voltage (red) and the
shutdown pin voltage (blue). The shutdown voltage is
tied to VC; the gate drive couples through C2 as already
described.
Components RF and CF may apparently slow edges down
greatly. Adding this much delay is not essential, but it can
help to smooth out any hiccups that occur when the part
goes through a startup sequence after the shutdown pin
goes inactive. 47µs as a time constant is insignificant in
the time scale of the blinking (10’s or 100’s of ms). The
47µs is much smaller than any time constant associated
with C2 and its resistors.
VG
VG
VC
VC
R4
51
M1
2N7002
LED
D
RSENSE
10
R2
275k
R3
15k
C1
1nF
C2
1µF
RGATE
10k
R5
1M
R8
1M
M3
2N7002
6258 F07a
R7
470k
R9
140k
U2
LTC6258
RF
100
CF
470nF
5V
–
+
Figure 7a. LED Driver with Self-Oscillation
Figure 7b. LED Blinker Circuit
50ms/Div
–60.0
0
60.0
120.0
180.0
240.0
300.0
–2.0
–1.0
0
1.0
2.0
3.0
4.0
6258 F07b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com