Electronic Components Datasheet Search
  English  ▼

X  

STD100NH03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD100NH03L
Description  N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET™ III POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD100NH03L Datasheet(HTML) 1 Page - STMicroelectronics

  STD100NH03L Datasheet HTML 1Page - STMicroelectronics STD100NH03L Datasheet HTML 2Page - STMicroelectronics STD100NH03L Datasheet HTML 3Page - STMicroelectronics STD100NH03L Datasheet HTML 4Page - STMicroelectronics STD100NH03L Datasheet HTML 5Page - STMicroelectronics STD100NH03L Datasheet HTML 6Page - STMicroelectronics STD100NH03L Datasheet HTML 7Page - STMicroelectronics STD100NH03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/11
September 2003
STD100NH03L
N-CHANNEL 30V - 0.005
Ω - 60A DPAK
STripFET™ III POWER MOSFET
s
TYPICAL RDS(on) = 0.005 Ω @ 10 V
s
RDS(ON) * Qg INDUSTRY’s BENCHMARK
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
s
LOW THRESHOLD DEVICE
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4")
DESCRIPTION
The STD100NH03L utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology. This is
suitable fot the most demanding DC-DC converter
application where high efficiency is to be achieved.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY DC/DC CONVERTES
TYPE
VDSS
RDS(on)
ID
STD100NH03L
30 V
< 0.0055
Ω
60 A(2)
1
3
DPAK
TO-252
(Suffix “T4”)
Ordering Information
ABSOLUTE MAXIMUM RATINGS
SALES TYPE
MARKING
PACKAGE
PACKAGING
STD100NH03LT4
D100NH03L
TO-252
TAPE & REEL
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 20
V
ID(2)
Drain Current (continuous) at TC = 25°C
60
A
ID(2)
Drain Current (continuous) at TC = 100°C
60
A
IDM(3)
Drain Current (pulsed)
240
A
Ptot
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.66
W/°C
EAS (4)
Single Pulse Avalanche Energy
700
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD100NH03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD100NH03L STMICROELECTRONICS-STD100NH03L Datasheet
472Kb / 15P
N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
08-Aug-2006
STD100NH03LT4 STMICROELECTRONICS-STD100NH03LT4 Datasheet
472Kb / 15P
N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
08-Aug-2006
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
08-Aug-2006
More results

Similar Description - STD100NH03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60NF3LL STMICROELECTRONICS-STD60NF3LL Datasheet
452Kb / 9P
N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET™ II POWER MOSFET
Apr-2002
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET™ III POWER MOSFET
Sep-2003
STB120NH03L STMICROELECTRONICS-STB120NH03L Datasheet
421Kb / 11P
N-CHANNEL 30V - 0.005 W - 60A D2PAK STripFET III POWER MOSFET FOR DC-DC CONVERSION
Oct-2003
STD60NH03L STMICROELECTRONICS-STD60NH03L Datasheet
534Kb / 12P
N-CHANNEL 30V - 0.0075 W - 60A DPAK/IPAK STripFET III POWER MOSFET
Oct-2003
STD90N03L STMICROELECTRONICS-STD90N03L Datasheet
314Kb / 16P
N-channel 30V - 0.005Ω - 80A - DPAK/IPAK STripFET??III Power MOSFET
20-Oct-2006
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
19-Jul-2006
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
08-Aug-2006
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
STD90N02L STMICROELECTRONICS-STD90N02L_07 Datasheet
365Kb / 17P
N-channel 25V - 0.0052Ω - 60A - DPAK - IPAK STripFET??III Power MOSFET
24-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com