Electronic Components Datasheet Search
  English  ▼

X  

LO-543B Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LO-543B
Description  colorless, clear 5 mm (T1 쩐) package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LO-543B Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LO-543B Datasheet HTML 5Page - OSRAM GmbH LO-543B Datasheet HTML 6Page - OSRAM GmbH LO-543B Datasheet HTML 7Page - OSRAM GmbH LO-543B Datasheet HTML 8Page - OSRAM GmbH LO-543B Datasheet HTML 9Page - OSRAM GmbH LO-543B Datasheet HTML 10Page - OSRAM GmbH LO-543B Datasheet HTML 11Page - OSRAM GmbH LO-543B Datasheet HTML 12Page - OSRAM GmbH LO-543B Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2005-03-02
12
LA 543B, LO 543B, LY 543B
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
10) page 13 may only be used in life-support devices or systems11) page 13 with the express written approval of
OSRAM OS.
Revision History: 2007-03-01
Previous Version:
2005-02-25
Page
Subjects (changes since last revision)
Date of change
4
min./max. values for dominant wavelength
2004-11-11
2, 5
Partial Flux values
2005-02-25
2
new ordering codes
2005-03-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com