Electronic Components Datasheet Search
  English  ▼

X  

LA-G5AP Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LA-G5AP
Description  white PLCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-G5AP Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LA-G5AP Datasheet HTML 7Page - OSRAM GmbH LA-G5AP Datasheet HTML 8Page - OSRAM GmbH LA-G5AP Datasheet HTML 9Page - OSRAM GmbH LA-G5AP Datasheet HTML 10Page - OSRAM GmbH LA-G5AP Datasheet HTML 11Page - OSRAM GmbH LA-G5AP Datasheet HTML 12Page - OSRAM GmbH LA-G5AP Datasheet HTML 13Page - OSRAM GmbH LA-G5AP Datasheet HTML 14Page - OSRAM GmbH LA-G5AP Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LA G5AP
2011-05-04
11
Package Outline 8) page 20
Maßzeichnung 8) Seite 20
Cathode Mark:
mark
Kathodenkennung:
Markierung
Corrosion robustness better than
EN 60068-2-60 (method 4):
40°C / 90% rh / 15ppm H
2S / 336h
Korrosionsfestigkeit besser als
EN 60068-2-60 (method 4):
40°C / 90% rh / 15ppm H
2S / 336h
Approximate Weight:
48 mg
Gewicht:
48 mg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com