Electronic Components Datasheet Search
  English  ▼

X  

LT-543C Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LT-543C
Description  colorless, clear 5 mm (T1 쩐) package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT-543C Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LT-543C Datasheet HTML 4Page - OSRAM GmbH LT-543C Datasheet HTML 5Page - OSRAM GmbH LT-543C Datasheet HTML 6Page - OSRAM GmbH LT-543C Datasheet HTML 7Page - OSRAM GmbH LT-543C Datasheet HTML 8Page - OSRAM GmbH LT-543C Datasheet HTML 9Page - OSRAM GmbH LT-543C Datasheet HTML 10Page - OSRAM GmbH LT-543C Datasheet HTML 11Page - OSRAM GmbH LT-543C Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LB 543C, LV 543C, LT 543C
2009-10-20
8
Durchlassstrom
2) Seite 15
Forward Current
2) page 15
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 8) Seite 15
Relative Luminous Intensity
2) 8) page 15
I
V/IV(20 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 15
Relative Luminous Intensity
2) page 15
I
V/IV(25 °C) = f (Tj); IF = 20 mA
V
OHL01619
1.5
verde,
10
-3
10
-2
10
-1
10
0
10
1
mA
10
2
IF
2.5
3.5
4.5
5.5 V 6.5
true green
blue
F
I
F
V
I
V (20 mA)
I
OHL00035
0
10
10 12
10
10
-2
-1
10
10
0
1
10
mA
true green
verde
blue
5
5
5
OHL01637
-20
0
V(25 ˚C)
I
j
T
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
˚C 100
IV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com