Electronic Components Datasheet Search
  English  ▼

X  

LB-A67C Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LB-A67C
Description  white SMT package, colorless clear resin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-A67C Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LB-A67C Datasheet HTML 3Page - OSRAM GmbH LB-A67C Datasheet HTML 4Page - OSRAM GmbH LB-A67C Datasheet HTML 5Page - OSRAM GmbH LB-A67C Datasheet HTML 6Page - OSRAM GmbH LB-A67C Datasheet HTML 7Page - OSRAM GmbH LB-A67C Datasheet HTML 8Page - OSRAM GmbH LB-A67C Datasheet HTML 9Page - OSRAM GmbH LB-A67C Datasheet HTML 10Page - OSRAM GmbH LB-A67C Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LB A67C, LT A67C
2012-06-15
7
Durchlassstrom2) Seite 16
Forward Current2) page 16
I
F = f (VF); TA = 25 °C
Relative Lichtstärke2) 7) Seite 16
Relative Luminous Intensity2) 7) page 16
IV/IV(20 mA) = f (IF); TA = 25 °C
Relative Lichtstärke2) Seite 16
Relative Luminous Intensity2) page 16
IV/IV(25 °C) = f (Tj); IF = 20 mA
V
OHL01157
1.5
mA
IF
2.5
3.5
4.5
5.5 V 6.5
F
true green
blue
10
-1
5
10
0
10
5
1
10
5
2
OHL00188
IF
V
V (20 mA)
I
I
1
10
0
10
-1
10
10
-2
10
1
0
10
2
mA 10
blue
true green
5
5
5
OHL12637
-60
0
T
˚C
V (25 ˚C)
I
IV
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
true green
blue
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com