Electronic Components Datasheet Search
  English  ▼

X  

LB-QH9G Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LB-QH9G
Description  SMT package 0402, colorless diffused resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-QH9G Datasheet(HTML) 1 Page - OSRAM GmbH

  LB-QH9G Datasheet HTML 1Page - OSRAM GmbH LB-QH9G Datasheet HTML 2Page - OSRAM GmbH LB-QH9G Datasheet HTML 3Page - OSRAM GmbH LB-QH9G Datasheet HTML 4Page - OSRAM GmbH LB-QH9G Datasheet HTML 5Page - OSRAM GmbH LB-QH9G Datasheet HTML 6Page - OSRAM GmbH LB-QH9G Datasheet HTML 7Page - OSRAM GmbH LB-QH9G Datasheet HTML 8Page - OSRAM GmbH LB-QH9G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2015-09-02
1
2015-09-02
CHIPLED 0402
Datasheet
Version 1.2
LB QH9G
Features:
Besondere Merkmale:
•
Package: SMT package 0402, colorless diffused
resin
•
Gehäusetyp: SMT package 0402, farbloser
diffuser Verguss
•
Technology: InGaN
•
Technologie: InGaN
•
Viewing angle at 50 % IV: 115° (horizontal); 170°
(vertical)
•
Abstrahlwinkel bei 50 % IV: 115° (horizontal);
170° (vertical)
•
Color: blue (470 nm)
•
Farbe: blau (470 nm)
•
Optical efficiency (typ.): 9.8 lm/W (blue)
•
Optischer Wirkungsgrad (typ.): 9.8 lm/W (blau)
•
ESD - withstand voltage: up to 2 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM)
•
ESD - Festigkeit: bis 2 kV nach
ANSI/ESDA/JEDEC JS-001 (HBM)
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Toys
•
Spielsachen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Optical Indicator
•
Optischer Indikator


Similar Part No. - LB-QH9G

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LB-QH9G AMSOSRAM-LB-QH9G Datasheet
1Mb / 22P
Chip LED 0402
Version 1.6 2021-09-28
More results

Similar Description - LB-QH9G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAVH9F OSRAM-LAVH9F Datasheet
363Kb / 21P
SMT package, standard SMT footprint 0402, colorless diffused resin
LR-QH9F OSRAM-LR-QH9F Datasheet
465Kb / 15P
SMT package, standard SMT footprint 0402, colorless diffused resin
LA-VH9F OSRAM-LA-VH9F Datasheet
363Kb / 21P
SMT package, standard SMT footprint 0402, colorless diffused resin
LB-Q39E OSRAM-LB-Q39E Datasheet
1Mb / 21P
SMT package 0603, colorless diffused resin
LR-VH9F OSRAM-LR-VH9F Datasheet
684Kb / 21P
SMT package, standard SMT footprint 0402, colorless diffused resin
LT-QH9G OSRAM-LT-QH9G Datasheet
730Kb / 21P
SMT package 0402, colorless diffused resin
LT-VH9G OSRAM-LT-VH9G Datasheet
694Kb / 21P
SMT package, standard SMT footprint 0402, colorless diffused resin
LB-V19G OSRAM-LB-V19G Datasheet
569Kb / 15P
SMT package, colorless diffused resin
LB-V193 OSRAM-LB-V193 Datasheet
564Kb / 14P
SMT package, colorless diffused resin
LG-V196 OSRAM-LG-V196 Datasheet
572Kb / 14P
SMT package, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com