Electronic Components Datasheet Search
  English  ▼

X  

LB-T64G Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LB-T64G
Description  black PLCC-2 package, colorless resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-T64G Datasheet(HTML) 5 Page - OSRAM GmbH

  LB-T64G Datasheet HTML 1Page - OSRAM GmbH LB-T64G Datasheet HTML 2Page - OSRAM GmbH LB-T64G Datasheet HTML 3Page - OSRAM GmbH LB-T64G Datasheet HTML 4Page - OSRAM GmbH LB-T64G Datasheet HTML 5Page - OSRAM GmbH LB-T64G Datasheet HTML 6Page - OSRAM GmbH LB-T64G Datasheet HTML 7Page - OSRAM GmbH LB-T64G Datasheet HTML 8Page - OSRAM GmbH LB-T64G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 2.2
LB T64G
2015-04-30
5
Brightness Groups
Helligkeitsgruppen
Exemplary average Lifetime for median Brightness Group
Exemplarische durchschnittliche Lebensdauer für mittlere Helligkeitsgruppen
Dominant Wavelength Groups 3) page 23
Dominant Wellenlängengruppen 3) Seite 23
Group
Partial Flux 1) page 23
Partial Flux 1) page 23
Luminous Intensity
6) page 23
Gruppe
Partieller Lichtfluss
1) Seite 23
Partieller Lichtfluss
1) Seite 23
Lichtstärke 6) Seite 23
(min.) E
v [lux]
(max.) E
v [lux]
(typ.) I
V [mcd]
V1
710
900
660
V2
900
1120
830
AA
1120
1400
1030
AB
1400
1800
1310
BA
1800
2240
1650
BB
2240
2800
2060
CA
2800
3550
2600
Conditions / Bedingungen
Median Lifetime / Mittlere
Lebensdauer
Unit / Einheit
I
F = 10 mA
T
A = 55 °C
5.000
operating hours
Group
blue
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
5
461
465
6
463
467
7
465
470
8
468
473
9
471
477
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com