Electronic Components Datasheet Search
  English  ▼

X  

LT-T773 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LT-T773
Description  white SMT package, colorless clear resin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT-T773 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LT-T773 Datasheet HTML 4Page - OSRAM GmbH LT-T773 Datasheet HTML 5Page - OSRAM GmbH LT-T773 Datasheet HTML 6Page - OSRAM GmbH LT-T773 Datasheet HTML 7Page - OSRAM GmbH LT-T773 Datasheet HTML 8Page - OSRAM GmbH LT-T773 Datasheet HTML 9Page - OSRAM GmbH LT-T773 Datasheet HTML 10Page - OSRAM GmbH LT-T773 Datasheet HTML 11Page - OSRAM GmbH LT-T773 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LB T773, LT T773
2006-10-16
8
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2)
page 16
LB
;
λ
dom = f (IF); TA = 25 °C
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2)
page 16
LT
;
λ
dom = f (IF); TA = 25 °C
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
I
OHL10503
467
dom
λ
0
mA
nm
20
40
60
80
120
468
469
470
471
472
473
474
blue
f
60
0
0
40
20
F
I
100
80 ˚C
T
OHL01847
5
10
15
20
25
mA
temp. ambient
T
A
blue
true green
I
OHL02365
510
dom
λ
0
mA
nm
20
40
60
80
120
515
520
525
530
535
540
550
f
true green
60
0
0
40
20
temp. solder point
T
S
F
I
100
80 ˚C
T
OHL01846
5
10
15
20
25
mA
true green
blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com