Electronic Components Datasheet Search
  English  ▼

X  

LCW-W5SM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCW-W5SM
Description  white SMD package, colorless clear silicone resin, chip level conversion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-W5SM Datasheet(HTML) 1 Page - OSRAM GmbH

  LCW-W5SM Datasheet HTML 1Page - OSRAM GmbH LCW-W5SM Datasheet HTML 2Page - OSRAM GmbH LCW-W5SM Datasheet HTML 3Page - OSRAM GmbH LCW-W5SM Datasheet HTML 4Page - OSRAM GmbH LCW-W5SM Datasheet HTML 5Page - OSRAM GmbH LCW-W5SM Datasheet HTML 6Page - OSRAM GmbH LCW-W5SM Datasheet HTML 7Page - OSRAM GmbH LCW-W5SM Datasheet HTML 8Page - OSRAM GmbH LCW-W5SM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2017-06-06
1
2017-06-06
Golden DRAGON
Datasheet
Version 1.3
LCW W5SM
Features:
Besondere Merkmale:
•
Package: white SMD package, colorless clear
silicone resin, chip level conversion
•
Gehäusetyp: weißes SMD Gehäuse, farbloser
klarer Silikon - Verguss, chip level conversion
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.42, Cy = 0.40 acc. to CIE 1931
(warm white); CRI (typ.) = 80; CTR = 2500 K - 4800
K
•
Farbe: Cx = 0.42, Cy = 0.40 nach CIE 1931
(warmweiß); CRI (typ.) = 80; CTR = 2500 K - 4800 K
•
Optical efficiency (typ.): 87 lm/W (warm white) at
3500 K
•
Optischer Wirkungsgrad (typ.): 87 lm/W
(warmweiß) at 3500 K
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Floodlight
•
Flutlicht
•
Furniture Lighting
•
Möbelbeleuchtung
•
Reading Lamps
•
Leselampen
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Architectural Lighting indoor
•
Architekturbeleuchtung innen
•
Bicycle Lamps
•
Fahrradlampe


Similar Part No. - LCW-W5SM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCW-W5SM AMSOSRAM-LCW-W5SM Datasheet
1Mb / 27P
Golden DRAGON®
2019-07-15
More results

Similar Description - LCW-W5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5AM OSRAM-LCWW5AM Datasheet
1Mb / 23P
white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LCWW51M OSRAM-LCWW51M Datasheet
1Mb / 21P
white SMD package, colorless clear silicone resin with optic, chip level conversion
LUW-W5SM OSRAM-LUW-W5SM Datasheet
524Kb / 21P
white SMD package, colorless clear silicone resin; chip level conversion
LW-W5AM OSRAM-LW-W5AM Datasheet
568Kb / 18P
white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LW-W5AP OSRAM-LW-W5AP Datasheet
642Kb / 18P
dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
LW-W5SM OSRAM-LW-W5SM Datasheet
592Kb / 18P
white SMD package, colorless clear silicone resin; chip level conversion
LW-W5SN OSRAM-LW-W5SN Datasheet
438Kb / 20P
white SMD package, colorless clear silicone resin; chip level conversion
LCW-W5AM OSRAM-LCW-W5AM Datasheet
1Mb / 23P
white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LCW-W5SN OSRAM-LCW-W5SN Datasheet
293Kb / 19P
white SMD package, colorless clear silicone resin; chip level conversion
LCW-W51M OSRAM-LCW-W51M Datasheet
1Mb / 21P
white SMD package, colorless clear silicone resin with optic, chip level conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com