Electronic Components Datasheet Search
  English  ▼

X  

AFE7683 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7683
Description  Quad/Dual-Channel, RF Sampling Analog Front-End with 14-Bit 9GSPS DACs and 14-Bit 3GSPS ADCs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7683 Datasheet(HTML) 1 Page - Texas Instruments

  AFE7683 Datasheet HTML 1Page - Texas Instruments AFE7683 Datasheet HTML 2Page - Texas Instruments AFE7683 Datasheet HTML 3Page - Texas Instruments AFE7683 Datasheet HTML 4Page - Texas Instruments AFE7683 Datasheet HTML 5Page - Texas Instruments AFE7683 Datasheet HTML 6Page - Texas Instruments AFE7683 Datasheet HTML 7Page - Texas Instruments AFE7683 Datasheet HTML 8Page - Texas Instruments AFE7683 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains ADVANCE
INFORMATION for pre-production products; subject to change without notice.
AFE7683, AFE7684
AFE7685, AFE7686
SLASEQ7 – MAY 2018
AFE76xx Quad/Dual-Channel, RF Sampling Analog Front-End
with 14-Bit 9GSPS DACs and 14-Bit 3GSPS ADCs
1
Device Overview
1
1.1
Features
1
• 14-Bit Resolution
• Sample Rate:
– DAC: 9 GSPS
– ADC: 3 GSPS
• RF Frequency Range: Up to 5.2 GHz
• Maximum RF Signal Bandwidth
– Quad-Channel Mode (4T4R): 800 MHz (single-
band); 300 MHz (dual-band)
– Dual-Channel Mode (2T2R): 1200 MHz
(TX)/1000 MHz (RX) (single-band);
800MHz(dual-band)
• On-Chip Dual Selectable DSAs per RX Channel
• Integrated TX DSA Functionality
• Digital:
– Dual Band Digital Up-Converters (DUCs)
– Dual Band Digital Down-Converters (DDCs)
– 32-Bit NCOs for DUCs/DDCs
– Interpolation Ratio: 6x, 8x, 9x, 12x, 16x, 18x,
24x, 36x
– Decimation Ratio: /2, /3, /4, /6, /8, /9, /12, /16,
/18, /24, /32
– RX/FB Dynamic Switching for TDD
• Interface:
– 8 SerDes Transceivers up to 15Gbps
– 16-Bit and 12-Bit JESD204B Transport Layer
Formatting with 8b/10b Encoding
– Subclass 1 Multi-Device Synchronization
• Clock:
– Internal PLL/VCO to Generate DAC and ADC
Clocks
• Package: 17mm x 17mm FC BGA, 0.8mm Pitch
• Power Supplies: 1.85 V, 1.15 V, 1.0 V, –1.8 V
1.2
Applications
•
Cellular Base Stations
•
Wideband Communications
•
Microwave Backhaul
•
Distributed Antenna Systems (DAS)
(1)
For all available packages, see the orderable addendum at the end of the data sheet.
(2)
Product Preview
1.3
Description
The AFE76xx is a family of high performance, quad/dual channel, 14-bit, integrated RF sampling analog
front ends (AFEs) with 9 GSPS DACs and 3 GSPS ADCs, capable of synthesizing and digitizing wideband
signals. High dynamic range allows the AFE76xx to generate and digitize 3G/4G signals for wireless base
stations. In TDD mode, the receiver channel can be configured to dynamically switching between traffic
receiver (TDD RX) status and wideband feedback receiver (TDD FB) status to assist DPD (Digital Pre-
Distortion) of the Power Amplifier (PA) on the transmitter path.
The AFE76xx family has integrated DSA on the receiver channels and also supports DSA equivalent
functionality on the transmitter channels. Each receiver channel has one analog RF peak power detector
and various digital power detectors to assist AGC control for receiver channels, and two RF overload
detectors for device reliability protection. The AFE76xx family has 8 of JESD204B compatible SerDes
transceivers running up to 15 Gbps. The devices have up to two DUCs per TX channel and two DDCs per
RX channel, with multiple interpolation/decimation rates and digital quadrature modulators/demodulators
with independent, frequency flexible NCOs. The devices support more than 1000 MHz (800 MHz as
4T4R) RF signal bandwidth in single-band mode, and up to 800 MHz (300 MHz as 4T4R) RF signal
bandwidth per band in dual-band mode. A low jitter PLL/VCO simplifies the sampling clock generation by
allowing use of a lower frequency reference clock.
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AFE7685(2)
FC-BGA
17.00 mm x 17.00 mm


Similar Part No. - AFE7683

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7683 TI1-AFE7683 Datasheet
218Kb / 11P
Quad/Dual-Channel, RF Sampling Analog Front-End with 14-Bit 9GSPS DACs and 14-Bit 3GSPS ADCs
AFE7683 TI1-AFE7683 Datasheet
466Kb / 14P
Quad/dual-channel, RF sampling analog front-end with 14-bit 9GSPS DACs and 14-bit 3GSPS ADCs
AFE7683 TI2-AFE7683 Datasheet
438Kb / 16P
AFE76xx Quad/dual-channel, RF sampling analog front-end with 14-bit 9GSPS DACs and 14-bit 3GSPS ADCs
REVISED MARCH 2019
AFE7683IABJ TI1-AFE7683IABJ Datasheet
218Kb / 11P
Quad/Dual-Channel, RF Sampling Analog Front-End with 14-Bit 9GSPS DACs and 14-Bit 3GSPS ADCs
AFE7683IABJ TI1-AFE7683IABJ Datasheet
466Kb / 14P
Quad/dual-channel, RF sampling analog front-end with 14-bit 9GSPS DACs and 14-bit 3GSPS ADCs
More results

Similar Description - AFE7683

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
AFE7684 TI1-AFE7684 Datasheet
212Kb / 10P
Quad/Dual-Channel, RF Sampling Analog Front-End with 14-Bit 9GSPS DACs and 14-Bit 3GSPS ADCs
AFE7684 TI1-AFE7684_18 Datasheet
208Kb / 10P
Quad/Dual-Channel, RF Sampling Analog Front-End with 14-Bit 9GSPS DACs and 14-Bit 3GSPS ADCs
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7684_1811 TI1-AFE7684_1811 Datasheet
210Kb / 11P
Quad/Dual-Channel, RF Sampling Analog Front-End with 14-Bit 9GSPS DACs and 14-Bit 3GSPS ADCs
AFE7681 TI1-AFE7681 Datasheet
218Kb / 11P
Quad/Dual-Channel, RF Sampling Analog Front-End with 14-Bit 9GSPS DACs and 14-Bit 3GSPS ADCs
AFE7681 TI1-AFE7681_19 Datasheet
466Kb / 14P
Quad/dual-channel, RF sampling analog front-end with 14-bit 9GSPS DACs and 14-bit 3GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com