| Electronic Components Datasheet Search |
|
AM5746 Datasheet(PDF) 96 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5746 Datasheet(HTML) 96 Page - Texas Instruments |
|
96 / 448 page ![]() 96 AM5748, AM5746 SPRS982E – DECEMBER 2016 – REVISED MARCH 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM5748 AM5746 Terminal Configuration and Functions Copyright © 2016–2018, Texas Instruments Incorporated Table 4-3. DSS Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL vout2_d18 Video Output 2 Data output O F4 / G16 vout2_d19 Video Output 2 Data output O D2 / D17 vout2_d20 Video Output 2 Data output O E2 / AA3 vout2_d21 Video Output 2 Data output O D1 / AB9 vout2_d22 Video Output 2 Data output O F3 / AB3 vout2_d23 Video Output 2 Data output O F2 / AA4 DPI Video Output 3 vout3_clk Video Output 3 Clock output O P1 / AF9 vout3_de Video Output 3 Data Enable output O N9 / AD9 vout3_fld Video Output 3 Field ID output. This signal is not used for embedded sync modes. O P9 / AG8 vout3_hsync Video Output 3 Horizontal Sync output. This signal is not used for embedded sync modes. O N7 / AE9 vout3_vsync Video Output 3 Vertical Sync output. This signal is not used for embedded sync modes. O R4 / AF8 vout3_d0 Video Output 3 Data output O M6 / AH4 / AD3 vout3_d1 Video Output 3 Data output O M2 / AG6 / AD2 vout3_d2 Video Output 3 Data output O L5 / AH5 / AE6 vout3_d3 Video Output 3 Data output O M1 / AH3 / AE2 vout3_d4 Video Output 3 Data output O L6 / AH6 / AE1 vout3_d5 Video Output 3 Data output O L4 / AG7 / AE5 vout3_d6 Video Output 3 Data output O L3 / AD8 / AE3 vout3_d7 Video Output 3 Data output O L2 / AE8 / AF1 vout3_d8 Video Output 3 Data output O L1 / AF4 vout3_d9 Video Output 3 Data output O K2 / AF3 vout3_d10 Video Output 3 Data output O J1 / AF6 vout3_d11 Video Output 3 Data output O J2 / AF2 vout3_d12 Video Output 3 Data output O H1 / AG5 vout3_d13 Video Output 3 Data output O J3 / AG3 vout3_d14 Video Output 3 Data output O H2 / AG2 vout3_d15 Video Output 3 Data output O H3 / AG4 vout3_d16 Video Output 3 Data output O R6 / AG8 / AH4 vout3_d17 Video Output 3 Data output O T9 / AD9 / AG6 vout3_d18 Video Output 3 Data output O T6 / AH5 vout3_d19 Video Output 3 Data output O T7 / AH3 vout3_d20 Video Output 3 Data output O P6 / AH6 vout3_d21 Video Output 3 Data output O R9 / AG7 vout3_d22 Video Output 3 Data output O R5 / AD8 vout3_d23 Video Output 3 Data output O P5 / AE8 4.3.3 HDMI NOTE For more information, see the Display Subsystem / Display Subsystem Overview of the Device TRM. Table 4-4. HDMI Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL hdmi1_cec HDMI consumer electronic control IOD B20/ G19 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |