| Electronic Components Datasheet Search |
|
AM574X Datasheet(PDF) 90 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM574X Datasheet(HTML) 90 Page - Texas Instruments |
|
90 / 448 page ![]() 90 AM5748, AM5746 SPRS982E – DECEMBER 2016 – REVISED MARCH 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM5748 AM5746 Terminal Configuration and Functions Copyright © 2016–2018, Texas Instruments Incorporated 4.3 Signal Descriptions Many signals are available on multiple pins, according to the software configuration of the pin multiplexing options. Texas Instruments has developed an application called Pin Mux Utility that helps a system designer select the appropriate pin-multiplexing configuration for their device-based product design. The Pin Mux Utility provides a way to select valid IO Sets of specific peripheral interfaces to ensure the pin multiplexing configuration selected for a design only uses valid IO Sets supported by the device. 1. SIGNAL NAME: The name of the signal passing through the pin. NOTE The subsystem multiplexing signals are not described in Table 4-1 and Table 4-33. 2. DESCRIPTION: Description of the signal 3. TYPE: Signal direction and type: – I = Input – O = Output – IO = Input or output – D = Open Drain – DS = Differential – A = Analog – PWR = Power – GND = Ground 4. BALL: Associated ball(s) bottom NOTE For more information, see the Control Module / Control Module Register Manual section of the Device TRM. 4.3.1 VIP CAUTION The I/O timings provided in Section 5.10, Timing Requirements and Switching Characteristics are applicable for all combinations of signals for vin1. However, the timings are valid only for vin2, vin3, and vin4 if signals within a single IOSET are used. The IOSETs are defined in the Table 5-35, Table 5-36 and Table 5-37. NOTE For more information, see the Video Input Port section of the Device TRM. Table 4-2. VIP Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL Video Input 1 vin1a_clk0 Video Input 1 Port A Clock input. Input clock for 8-bit 16-bit or 24-bit Port A video capture. Input data is sampled on the CLK0 edge. I AG8 vin1a_de0 Video Input 1 Data Enable input I AD9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |