Electronic Components Datasheet Search
  English  ▼

X  

HMC902 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC902
Description  Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC902 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC902 Datasheet HTML 5Page - Analog Devices HMC902 Datasheet HTML 6Page - Analog Devices HMC902 Datasheet HTML 7Page - Analog Devices HMC902 Datasheet HTML 8Page - Analog Devices HMC902 Datasheet HTML 9Page - Analog Devices HMC902 Datasheet HTML 10Page - Analog Devices HMC902 Datasheet HTML 11Page - Analog Devices HMC902 Datasheet HTML 12Page - Analog Devices HMC902 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
HMC902
Rev. D | Page 13 of 13
OUTLINE DIMENSIONS
2010
*AIRBRIDGE
AREA
1.040
1.330
0.102
SIDE VIEW
TOP VIEW
1
2
3
4
5
6
0.112
0.513
0.404
0.335
0.300
0.450
0.161
0.07
0.193
0.264
0.197
0.326
0.200
0.126
*This die utilizes fragile air bridges. Any pickup tools used must not contact this area.
Figure 26. 6-Pad Bare Die [CHIP]
(C-6-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
HMC902
−55°C to +85°C
6-Pad Bare Die [CHIP]
C-6-9
HMC902-SX
−55°C to +85°C
6-Pad Bare Die [CHIP]
C-6-9
1
The HMC902-SX is a sample order of two devices.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14525-0-1/18(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com