Electronic Components Datasheet Search
  English  ▼

X  

MIC2550ABML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2550ABML
Description  Universal Serial Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2550ABML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2550ABML Datasheet HTML 1Page - Micrel Semiconductor MIC2550ABML Datasheet HTML 2Page - Micrel Semiconductor MIC2550ABML Datasheet HTML 3Page - Micrel Semiconductor MIC2550ABML Datasheet HTML 4Page - Micrel Semiconductor MIC2550ABML Datasheet HTML 5Page - Micrel Semiconductor MIC2550ABML Datasheet HTML 6Page - Micrel Semiconductor MIC2550ABML Datasheet HTML 7Page - Micrel Semiconductor MIC2550ABML Datasheet HTML 8Page - Micrel Semiconductor MIC2550ABML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
March 2005
3
M9999-031805
MIC2550A
Micrel, Inc.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IF) ................................................... +6.5V
Input Voltage (V
BUS) ........................ –0.5V(min)/5.5V(max)
Output Current (I
D+, ID–) ........................................... ±50mA
Output Current (all others) ....................................... ±15mA
Input Current ............................................................ ±50mA
Storage Temperature (T
S) ......................... –65° to +150°C
ESD, Note 3
V
BUS, D+, D– ......................................................... ±10kV
All other pins ........................................................... ±2kV
Operating Ratings (Note 2)
Supply Voltage (V
BUS) ................................. 4.0V to 5.25V
Temperature Range (T
A) ........................... –40°C to +85°C
Junction Temperature (T
J) ........................................ 160°C
Package Thermal Resistance
TSSOP (θJA) ..................................................... 100°C/W
Electrical Characteristics (Note 8)
T
A = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; typical values at VBUS = 5.0V, VIF = 3.0V; minimum and maximum values at
V
BUS = 4.0V to 5.25V, V
IF = 2.5V to 3.6V; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
System and USB Interface DC Characteristics
V
BUS
USB Supply Voltage
4.0
5.25
V
V
IF
System I/F Supply Voltage
2.5
5.25
V
V
IL
Low-Level Input Voltage, Note 4
0.15V
IF
V
V
IH
High-Level Input Voltage, Note 4
0.85V
IF
V
V
OH
High-Level Output Voltage, Note 4
I
OH = 20µA
0.9V
IF
V
V
OL
Low-Level Output Voltage, Note 4
I
OL = 20µA
0.1
V
I
IL
Input Leakage Current, Note 4
±5
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SPD
SUS
OE#
Voltage
Load
101
1
5
µA
100
1
5
µA
001
1
5
µA
I
IF
VIF Supply Current
0
0
0
VBUS = 5.25V
1
5
µA
01
0
VIF = 3.6V
1
5
µA
10
0f = 6MHz CLOAD
325
650
µA
= 50 pF, Note 7
f = 750kHz
00
0
CLOAD = 600 pF
40
75
µA
Note 7
10
1
800
1100
µA
10
0
3000
5000
µA
001
230
350
µA
000
400
700
µA
I
VBUS
VBUS Supply Current
0
1
0
VBUS = 5.25V
130
200
µA
10
0
VIF = 3.6V
f = 6MHz CLOAD
7.3
10
mA
= 50 pF, Note 7
f = 750kHz
00
0
CLOAD = 600 pF
3.6
5
mA
Note 7
V
TRM
Termination Voltage
I
TRM = 2.5mA
3.0
3.6
V
ESD Protection
IEC-1000-4-2
Air Discharge
10 pulses
±6kV
(D+, D–,
Contact Discharge
10 pulses
±6kV
V
BUS only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com