Electronic Components Datasheet Search
  English  ▼

X  

HMC7950LS6TR Datasheet(PDF) 13 Page - Analog Devices

Part # HMC7950LS6TR
Description  MMIC Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7950LS6TR Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC7950LS6TR Datasheet HTML 8Page - Analog Devices HMC7950LS6TR Datasheet HTML 9Page - Analog Devices HMC7950LS6TR Datasheet HTML 10Page - Analog Devices HMC7950LS6TR Datasheet HTML 11Page - Analog Devices HMC7950LS6TR Datasheet HTML 12Page - Analog Devices HMC7950LS6TR Datasheet HTML 13Page - Analog Devices HMC7950LS6TR Datasheet HTML 14Page - Analog Devices HMC7950LS6TR Datasheet HTML 15Page - Analog Devices HMC7950LS6TR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
HMC7950
Rev. A | Page 13 of 16
APPLICATIONS INFORMATION
Capacitive bypassing is recommended for VDD, as shown in the
typical application circuit in Figure 39. Gain control is possible
through the application of a dc voltage to VGG2. If gain control is
used, capacitive bypassing of VGG2 is recommended as shown in
the typical application circuit. If gain control is not used, VGG2
can be either left open or capacitively bypassed as shown in
Figure 39.
The recommended bias sequence during power-up is as follows:
1. Set VDD to 5.0 V (this results in an IDD near its specified
typical value).
2. If the gain control function is to be used, apply a voltage
within the range of −2.0 V to +2.6 V to VGG2 until the
desired gain setting is achieved.
3. Apply the RF input signal.
The recommended bias sequence during power-down is as
follows:
1. Turn off the RF input signal.
2. Remove the VGG2 voltage, or set it to 0 V.
3. Set VDD to 0 V.
Power-up and power-down sequences can differ from the ones
described, although care must always be taken to ensure adherence
to the values shown in the Absolute Maximum Ratings section.
Unless otherwise noted, all measurements and data shown were
taken using the typical application circuit as configured on the
HMC7950 evaluation board. The bias conditions shown in the
Specifications section are recommended to optimize the overall
performance. Operation using other bias conditions may result
in performance that differs from the data shown in this data sheet.
Figure 39. Typical Application Circuit
VDD
10nF
4.7µF
100pF
+
10nF
4.7µF
VGG2
100pF
RFOUT
RFIN
PACKAGE
BASE
GND
1
2
3
11
10
9
16
12
13
14
15
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com