Electronic Components Datasheet Search
  English  ▼

X  

MP8843GG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8843GG
Description  6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8843GG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8843GG Datasheet HTML 1Page - Monolithic Power Systems MP8843GG Datasheet HTML 2Page - Monolithic Power Systems MP8843GG Datasheet HTML 3Page - Monolithic Power Systems MP8843GG Datasheet HTML 4Page - Monolithic Power Systems MP8843GG Datasheet HTML 5Page - Monolithic Power Systems MP8843GG Datasheet HTML 6Page - Monolithic Power Systems MP8843GG Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV8843-G-00A – 3A, 6V, SYNC STEP-DOWN SWITCHER WITH I
2C
EV8843-G-00A Rev.1.0
www.MonolithicPower.com
2
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
Notes:
3)
3)
3)
VIN<3.3V, may need more input capacitors.
4)
VOUT default value is 0.9031V.
EV8843-G-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer Manufacturer P/N
4
R1, R2,
R9, R10
100k
Film Res, 1%
SM0603
ROYAL
RL0603FR-07100KL
0
R3, R4,
R5, R6,
R7, R8
NS
0
Q1
NS
0
C1A
NS
1
C1
22µF
Ceramic Cap., 10V, X5R
SM0805
Murata
GRM21BR61A226ME51L
3
C2, C3,
C4
10µF
Ceramic Cap., 10V, X5R
SM0805
Murata
GRM21BR61A106KE19L
1
L1
1μH
Inductor, DCR=22mΩ,
4.0
x4.0mm, Isat=9A
SMD
Wurth
74437324010
1
U1
MP8843GG
Synchronous Step-down
Converter
QFN12
(2mm
x2mm)
MPS
MP8843GG



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com