Electronic Components Datasheet Search
  English  ▼

X  

MP8845GC Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8845GC
Description  5A High Efficient Synchronous Step-Down Switcher with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845GC Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8845GC Datasheet HTML 1Page - Monolithic Power Systems MP8845GC Datasheet HTML 2Page - Monolithic Power Systems MP8845GC Datasheet HTML 3Page - Monolithic Power Systems MP8845GC Datasheet HTML 4Page - Monolithic Power Systems MP8845GC Datasheet HTML 5Page - Monolithic Power Systems MP8845GC Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV8845-C-02A – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
EV8845-C-02A Rev.1.0
www.MonolithicPower.com
4
12/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2016 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 5V, VOUT = 0.9V, L = 0.47µH, TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com