Electronic Components Datasheet Search
  English  ▼

X  

MP8904 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8904
Description  500mA Low-Current LDO Linear Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8904 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8904 Datasheet HTML 1Page - Monolithic Power Systems MP8904 Datasheet HTML 2Page - Monolithic Power Systems MP8904 Datasheet HTML 3Page - Monolithic Power Systems MP8904 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV8904DD-00A – LOW VOLTAGE, 500mA LINEAR REGULATOR EV BOARD
EV8904DD-00A Rev. 1.1
www.MonolithicPower.com
2
5/18/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV8904DD-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
2.2
µF
Ceramic
Cap.,
X7R, 16V
1206
TDK
C3216X7R1C225K
1
C2
4.7
µF
Ceramic
Cap.,
X7R, 16V
1206
TDK
C3216X7R1C475K
1
C3
1nF
Ceramic
Cap.
25V X7R
0603
muRata
GRM188R71E102KA01D
1
R1
26.1
kΩ
Film Res., 1%
0603
Panasonic
ERJ-3EKF2612V
2
R2, R3
10
kΩ
Film Res., 1%
0603
Panasonic
ERJ-3EKF1002V
1
R4
100k
Ω
Film Res., 1%
0603
ROYAL
RL0603FR-07100KL
1
U1
MP8904
Linear Regulator
QFN-8
MPS
MP8904DD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com