Electronic Components Datasheet Search
  English  ▼

X  

HCD965 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCD965
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCD965 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCD965 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCD965 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCD965 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCD965 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 4
HCD965(NPN)
GENERAL PURPOSE TRANSISTOR
Typical Characteristics
0
200
400
600
800
1000
1200
0.1
1
10
100
1000
0.1
1
10
1
10
100
1000
0
255075
100
125
150
0
100
200
300
400
500
600
700
800
900
10
100
1
10
100
1000
1
10
100
1000
1
10
100
1000
1
10
100
1000
100
1000
1
10
100
1000
100
1000
12
34
56
78
9
10
0
200
400
600
800
1000
1200
1400
1600
1800
2000
5000
V
CE
=2V
I
C
I
C
——
BASE-EMMITER VOLTAGE
V
BE
(mV)
20
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
f=1MHz
I
E
=0/ I
C
=0
T
a
=25
V
CB
/ V
EB
C
ob
/ C
ib
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
P
C
——
2
COLLECTOR CURRENT
I
C
(mA)
V
CE
=6V
T
a
=25
V
BE
f
T
——
0.3
COLLECTOR CURRENT
I
C
(mA)
=30
T
a
=25
T
a
=100
I
C
V
CEsat
——
5000
=30
0.3
COLLECTOR CURRENT
I
C
(mA)
T
a
=25
T
a
=100
2000
5000
I
C
V
BEsat
——
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
V
CE
=2V
I
C
h
FE
——
0.15
1500
5000
COMMON
EMITTER
T
a
=25
I
B
=4mA
I
B
=3.5mA
I
B
=3mA
I
B
=2.5mA
I
B
=2mA
I
B
=1.5mA
I
B
=1mA
I
B
=0.5mA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com