Electronic Components Datasheet Search
  English  ▼

X  

HA5024IP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA5024IP
Description  Quad 125MHz Video CurrentFeedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5024IP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA5024IP Datasheet HTML 4Page - Renesas Technology Corp HA5024IP Datasheet HTML 5Page - Renesas Technology Corp HA5024IP Datasheet HTML 6Page - Renesas Technology Corp HA5024IP Datasheet HTML 7Page - Renesas Technology Corp HA5024IP Datasheet HTML 8Page - Renesas Technology Corp HA5024IP Datasheet HTML 9Page - Renesas Technology Corp HA5024IP Datasheet HTML 10Page - Renesas Technology Corp HA5024IP Datasheet HTML 11Page - Renesas Technology Corp HA5024IP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HA5024
FN3550 Rev 6.00
Page 8 of 17
February 8, 2006
impedance state and the supply current is reduced
significantly.
The circuit shown in Figure 8 is a simplified schematic of the
enable/disable function. The large value resistors in series with
the DISABLE pin makes it appear as a current source to the
driver. When the driver pulls this pin low current flows out of the
pin and into the driver. This current, which may be as large as
350
A when external circuit and process variables are at their
extremes, is required to insure that point “A” achieves the
proper potential to disable the output.The driver must have the
compliance and capability of sinking all of this current.
When VCC is +5V the DISABLE pin may be driven with a
dedicated TTL gate. The maximum low level output voltage
of the TTL gate, 0.4V, has enough compliance to insure that
the amplifier will always be disabled even though D1 will not
turn on, and the TTL gate will sink enough current to keep
point “A” at its proper voltage. When VCC is greater than +5V
the DISABLE pin should be driven with an open collector
device that has a breakdown rating greater than VCC.
Referring to Figure 8, it can be seen that R6 will act as a pull-up
resistor to +VCC if the DISABLE pin is left open. In those cases
where the enable/disable function is not required on all circuits
some circuits can be permanently enabled by letting the
DISABLE pin float. If a driver is used to set the enable/disable
level, be sure that the driver does not sink more than 20
A
when the DISABLE pin is at a high level. TTL gates, especially
CMOS versions, do not violate this criteria so it is permissible to
control the enable/disable function with TTL.
Typical Applications
Four Channel Video Multiplexer
Referring to the amplifier U1A in Figure 9, R1 terminates the
cable in its characteristic impedance of 75
, and R4 back
terminates the cable in its characteristic impedance. The
amplifier is set up in a gain configuration of +2 to yield an
overall network gain of +1 when driving a double terminated
cable. The value of R3 can be changed if a different network
gain is desired. R5 holds the disable pin at ground thus
inhibiting the amplifier until the switch, S1, is thrown to
position 1. At position 1 the switch pulls the disable pin up to
the plus supply rail thereby enabling the amplifier. Since all
of the actual signal switching takes place within the amplifier,
its differential gain and phase parameters, which are 0.03%
and 0.03 degrees respectively, determine the circuit’s
performance. The other three circuits, U1B through U1D,
operate in a similar manner.
When the plus supply rail is 5V the disable pin can be driven by
a dedicated TTL gate as discussed earlier. If a multiplexer IC or
its equivalent is used to select channels its logic must be break
before make. When these conditions are satisfied the
HA5024IP is often used as a remote video multiplexer, and the
multiplexer may be extended by adding more amplifier ICs.
Low Impedance Multiplexer
Two common problems surface when you try to multiplex
multiple high speed signals into a low impedance source such
as an A/D converter. The first problem is the low source
impedance which tends to make amplifiers oscillate and
causes gain errors. The second problem is the multiplexer
which supplies no gain, introduces all kinds of distortion and
limits the frequency response. Using op amps which have an
enable/disable function, such as the HA5024, eliminates the
multiplexer problems because the external mux chip is not
R6
15K
R7
15K
+VCC
ENABLE/DISABLE INPUT
D1
QP3
R8
QP18
A
R33
R10
FIGURE 8. SIMPLIFIED SCHEMATIC OF ENABLE/DISABLE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com