Electronic Components Datasheet Search
  English  ▼

X  

HA5024IBZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HA5024IBZ
Description  Quad 125MHz Video CurrentFeedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5024IBZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HA5024IBZ Datasheet HTML 8Page - Renesas Technology Corp HA5024IBZ Datasheet HTML 9Page - Renesas Technology Corp HA5024IBZ Datasheet HTML 10Page - Renesas Technology Corp HA5024IBZ Datasheet HTML 11Page - Renesas Technology Corp HA5024IBZ Datasheet HTML 12Page - Renesas Technology Corp HA5024IBZ Datasheet HTML 13Page - Renesas Technology Corp HA5024IBZ Datasheet HTML 14Page - Renesas Technology Corp HA5024IBZ Datasheet HTML 15Page - Renesas Technology Corp HA5024IBZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
HA5024
FN3550 Rev 6.00
Page 12 of 17
February 8, 2006
FIGURE 19. DIFFERENTIAL GAIN vs SUPPLY VOLTAGE
FIGURE 20. DIFFERENTIAL PHASE vs SUPPLY VOLTAGE
FIGURE 21. DISTORTION vs FREQUENCY
FIGURE 22. REJECTION RATIOS vs FREQUENCY
FIGURE 23. PROPAGATION DELAY vs TEMPERATURE
FIGURE 24. PROPAGATION DELAY vs SUPPLY VOLTAGE
Typical Performance Curves
VSUPPLY = 5V, AV = +1, RF = 1k RL = 400 TA = 25°C,
Unless Otherwise Specified (Continued)
SUPPLY VOLTAGE (
V)
3
5
7
9
11
13
15
0.10
0.08
0.06
0.04
0.02
0.00
FREQUENCY = 3.58MHz
RL = 75
RL = 150
RL = 1k
0.08
0.06
0.04
0.02
0.00
3
5
7
9
11
13
15
SUPPLY VOLTAGE (
V)
RL = 1k
RL = 75
RL = 150
FREQUENCY = 3.58MHz
-40
-50
-60
-70
-80
-90
0.3
1
10
FREQUENCY (MHz)
VOUT = 2.0VP-P
CL = 30pF
HD3
HD2
3RD ORDER IMD
HD2
HD3
FREQUENCY (MHz)
0
-10
-20
-30
-40
-50
-60
-70
-80
0.001
0.01
0.1
1
10
30
AV = +1
CMRR
POSITIVE PSRR
NEGATIVE PSRR
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
8.0
7.5
7.0
6.5
6.0
RL = 100
VOUT = 1.0VP-P
AV = +1
SUPPLY VOLTAGE (
V)
12
10
8
6
4
3
5
7
9
11
13
15
RLOAD = 100
VOUT = 1.0VP-P
AV = +10, RF = 383
AV = +2, RF = 681
AV = +1, RF = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com