Electronic Components Datasheet Search
  English  ▼

X  

HIP1011 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP1011
Description  PCI Hot Plug Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1011 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP1011 Datasheet HTML 1Page - Renesas Technology Corp HIP1011 Datasheet HTML 2Page - Renesas Technology Corp HIP1011 Datasheet HTML 3Page - Renesas Technology Corp HIP1011 Datasheet HTML 4Page - Renesas Technology Corp HIP1011 Datasheet HTML 5Page - Renesas Technology Corp HIP1011 Datasheet HTML 6Page - Renesas Technology Corp HIP1011 Datasheet HTML 7Page - Renesas Technology Corp HIP1011 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FN4311 Rev 9.00
Page 1 of 8
March 2004
FN4311
Rev 9.00
March 2004
HIP1011
PCI Hot Plug Controller
DATASHEET
The HIP1011 is the PCI Hot Plug voltage bus control IC for
use in modern computer systems that facilitates hot plugging
of adapter cards into and out of an active or passive back
plane. Along with discrete power MOSFETs and a few passive
components, the HIP1011 creates a small and simple yet
complete power control solution. Four independent supplies
are controlled, +5V, +3.3V, +12V, and -12V. The +12V and -
12V switches are integrated. For the +5V and +3.3V supplies,
overcurrent protection is provided by sensing the voltage
across external current-sense resistors. For the +12V and
-12V supplies, overcurrent protection is provided internally. In
addition, an on-chip reference is used to monitor the +5V,
+3.3V and +12V outputs for undervoltage conditions. The
PWRON input controls the state of the switches. During an
overcurrent condition on any output, or an undervoltage
condition on the +5V, +3.3V or +12V outputs, all MOSFETs
are immediately latched-off and a LOW (0V) is asserted on
the FLTN output. The FLTN latch is cleared when the PWRON
input is toggled low again. During initial power-up of the main
VCC supply (+12V), the PWRON input is inhibited from
turning on the switches, and the latch is held in the Reset
state until the VCC input is greater than 10V.
User programmability of the overcurrent threshold and turn-on
slew rate is provided. A resistor connected to the OCSET pin
programs the overcurrent threshold. Capacitors connected to
the gate pins set the turn-on rate. Also, a capacitor may be
added to the FLTN pin to provide noise immunity.
Features
• Controls Distribution of Four Supplies: +5V, +3.3V, +12V,
and -12V
• Internal MOSFET Switches for +12V and -12V Outputs
• Microprocessor Interface for On/Off Control and Fault
Reporting
• Adjustable Overcurrent Protection for All Supplies
• Provides Fault Isolation
• Adjustable Turn-On Slew Rate
• Minimum Parts Count Solution
• No Charge Pump
• Pb-Free Package Options
Applications
• PCI Hot Plug
• CompactPCI
Pinout
HIP1011
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
HIP1011CB
0 to 70
16 Ld SOIC
M16.15
HIP1011CB-T
0 to 70
Tape and Reel
HIP1011CBZA
(Note)
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
HIP1011CBZA-T
(Note)
0 to 70
Tape and Reel
(Pb-free)
HIP1011EVAL1
Evaluation Platform
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
9
10
11
12
13
14
16
15
8
7
6
5
4
3
2
1
M12VIN
FLTN
3V5VG
VCC
12VIN
3VISEN
OCSET
3VS
M12VO
12VG
GND
12VO
M12VG
5VISEN
5VS
PWRON
NOT REC
OMMENDE
D FOR NE
W DESIG
NS
NO RECO
MMENDE
D REPLAC
EMENT
contact o
ur Technic
al Suppo
rt Center a
t
1-888-INT
ERSIL or
www.inte
rsil.com/t
sc


Similar Part No. - HIP1011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
PCI Hot Plug Controller
August 1999
HIP1011 INTERSIL-HIP1011 Datasheet
215Kb / 8P
PCI Hot Plug Controller
March 2004
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1011A INTERSIL-HIP1011A Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
PCI Hot Plug Controller
More results

Similar Description - HIP1011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
PCI HOT PLUG CONTROLLER
HPC3130A TI-HPC3130A Datasheet
537Kb / 41P
PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
PCI Hot Plug Controller
August 1999
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1011B INTERSIL-HIP1011B Datasheet
93Kb / 9P
PCI Hot Plug Controller
March 2000
HIP1011 INTERSIL-HIP1011_04 Datasheet
215Kb / 8P
PCI Hot Plug Controller
March 2004
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
PCI Hot Plug Controller
November 18, 2004
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
PCI Hot Plug Controller
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com