Electronic Components Datasheet Search
  English  ▼

X  

HIP1012A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP1012A
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1012A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP1012A Datasheet HTML 6Page - Renesas Technology Corp HIP1012A Datasheet HTML 7Page - Renesas Technology Corp HIP1012A Datasheet HTML 8Page - Renesas Technology Corp HIP1012A Datasheet HTML 9Page - Renesas Technology Corp HIP1012A Datasheet HTML 10Page - Renesas Technology Corp HIP1012A Datasheet HTML 11Page - Renesas Technology Corp HIP1012A Datasheet HTML 12Page - Renesas Technology Corp HIP1012A Datasheet HTML 13Page - Renesas Technology Corp HIP1012A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HIP1012A
FN4419 Rev 6.00
Page 10 of 15
March 2004
NOTE: Test point number equals HIP1012A pin number.
GENERIC BOARD
LOAD BOARD
BUS BOARD
FIGURE 13.
3/12VS
1
3/12VG
2
VDD
3
MODE/
4
PWRON2
5
5VG
6
5VS
7
3/12ISEN
14
RILIM
13
GND
12
CPUMP
11
CTIM
10
5VISEN
8
PGOOD
9
U1
PWRON1
C3
R1
C2
R5
3 /12VIN
GND
GND
5VIN
VDD
3 / 12VOUT
GND
GND
5VOUT
JP1
JP2
R2
R4
C1
C4
Q1
Q2
1
R3
CEC1
CEC2
JP3
JP4
LED1
R101
C5
100m
20m
20
10k
20
0.1µF
0.047µF
0.01µF
0.01µF
0.1µF
RL1
RL2
RL3
RL4
SW13
SW14
SW11
SW12
R102
CEF
CEF 9,11,
CEF 1,2,3
CEF 4,5,6,
7,8,10
R103
LED3
LED2
0.8
1.6
7
10
12
3.3/12VIN BJ1
GND BJ2
GND BJ3
5VIN BJ4 1
CEF 9,11,12
CEF 1,2,3
CEF 4,5,6
7,8,10
INPUT CEF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com