Electronic Components Datasheet Search
  English  ▼

X  

HIP1013 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP1013
Description  Low Cost Dual Power Distribution Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1013 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP1013 Datasheet HTML 1Page - Renesas Technology Corp HIP1013 Datasheet HTML 2Page - Renesas Technology Corp HIP1013 Datasheet HTML 3Page - Renesas Technology Corp HIP1013 Datasheet HTML 4Page - Renesas Technology Corp HIP1013 Datasheet HTML 5Page - Renesas Technology Corp HIP1013 Datasheet HTML 6Page - Renesas Technology Corp HIP1013 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HIP1013
FN4516 Rev 3.00
Page 5 of 7
August 2004
Typical Performance Curves
FIGURE 1. SUPPLY CURRENT
FIGURE 2. RILIM SOURCE CURRENT
FIGURE 3. 12V UV THRESHOLD
FIGURE 4. 3.3V/5V UV THRESHOLD
FIGURE 5. 12V, 5V GATE DRIVE
FIGURE 6. CHARGE PUMP VOLTAGE
8.2
8.0
7.8
7.6
7.4
7.2
-40
-20
0
204060
80
TEMPERATURE (°C)
8.4
-30
-10
10
30
50
70
104
103
-40
-20
0
20
40
60
80
102
70
50
30
10
-10
-30
105
TEMPERATURE (°C)
TEMPERATURE (°C)
20
40
60
80
-40
-20
0
11.00
10.98
10.96
10.94
3.3V UV
20
40
60
80
-40
-20
0
4.615
4.610
4.605
4.600
4.595
2.888
2.886
2.884
2.882
2.880
TEMPERATURE (°C)
5V UV
12V VG
5V VG
20
40
60
80
-40
0
-20
17.36
17.34
17.32
17.30
17.28
17.26
11.935
11.930
11.925
11.920
11.915
11.910
11.905
11.900
TEMPERATURE (°C)
20
40
60
80
-40
0
-20
TEMPERATURE (°C)
17.6
17.4
17.2
16.8
16.6
17.0
CHARGE PUMP VOLTAGE
NO LOAD
CHARGE PUMP VOLTAGE
100
A LOAD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com