| Electronic Components Datasheet Search |
|
HSP50214BVC Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HSP50214BVC Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 62 page ![]() HSP50214B FN4450 Rev 4.00 Page 33 of 62 May 1, 2007 Data Ready Signal Assertion Rate: The assertion rate of the DATARDY signal Is the data transition rate of the AOUT output data either [I, |r| or f]. The time alignment of parallel data words available for output are as follows: • I and Q are aligned in time, • |r| and ø are time aligned, but one sample clock delayed from the associated I and Q samples. DATARDY Is asserted time aligned with and at the same rate as the data type selected for the AOUT output. Figure 31 details the timing of the AOUT and DATARDY for an AOUT = I data selection. Note that the BOUT data word may be at a different rate and skewed in time with respect to DATARDY, depending on the type of data selected for output. This is because of the timing relationships defined above, and because the DATARDY is driven by the AOUT signal. Figure 32 details such a configuration. When the f (frequency) word is selected for output on AOUT, the DATARDY signal is asserted at the discriminator FIR filter output rate, which will be a reduced rate when decimation is engaged in the filter. The f (frequency)S output is delayed from the associated I and Q samples one sample time plus, the discriminator FIR filter impulse response time. Figure 33 details the timing of this configuration for a FIR filter that decimates by 4. NOTE: The number of PROCCLKS per output symbol is not representative, but shown to be small for clarity of establishing timing with respect to the DATARDY signal. For each application, the relationship of the output symbol rate to PROCCLK must be properly illustrated to determine the exact nature of the timing. FIGURE 31. DATARDY WAVEFORMS WHEN I (READ DATA) IS SELECTED AS AOUT FIGURE 32. DATARDY WAVEFORMS WHEN |r| (MAGNITUDE) IS SELECTED AS AOUT NOTE: I and Q are sample aligned in time. |r| and are sample aligned in time, but one sample delayed from I or Q. The frequency sample is delayed in time from I or Q by 1 sample time + 63 tap FIR impulse response. If the FIR is set to decimate and frequency is selected for AOUT, the DATARDY signal will be at the discriminator FIR output (decimated) rate. FIGURE 33. DATARDY WAVEFORMS WHEN f (FREQUENCY) IS SELECTED AS AOUT AOUT PROCCLK DATARDY I0 I1 I2 I3I4 I5 I6 DR0 DR1 DR2 DR3 DR4 DR5 DR6 AOUT PROCCLK DATARDY |r|0 |r|1 |r|2 |r|3|r|4 |r|5 |r|6 DR0 DR1 DR2 DR3 DR4 DR5 DR6 BOUT Q0 Q1 Q2 Q3 Q4 Q5 Q6 AOUT PROCCLK DATARDY f0 (R = 4) DR0 BOUT Q0 Q1 Q2 Q3 Q4 Qn Qn+1 Qn+2 1 + FIR Delay DR-1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |