Electronic Components Datasheet Search
  English  ▼

X  

ICL232CBEZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICL232CBEZ
Description  5V Powered, Dual RS-232 Transmitter/Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL232CBEZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICL232CBEZ Datasheet HTML 1Page - Renesas Technology Corp ICL232CBEZ Datasheet HTML 2Page - Renesas Technology Corp ICL232CBEZ Datasheet HTML 3Page - Renesas Technology Corp ICL232CBEZ Datasheet HTML 4Page - Renesas Technology Corp ICL232CBEZ Datasheet HTML 5Page - Renesas Technology Corp ICL232CBEZ Datasheet HTML 6Page - Renesas Technology Corp ICL232CBEZ Datasheet HTML 7Page - Renesas Technology Corp ICL232CBEZ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICL232
FN3020 Rev 8.00
Page 2 of 8
October 15, 2014
Pin Configuration
ICL232
(16 LD SOIC)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
Pin Descriptions
PIN #
PIN NAME
DESCRIPTION
1
C1+
External capacitor “+” for internal voltage doubler.
2
V+
Internally generated +10V (typical) supply.
3
C1-
External capacitor “-” for internal voltage doubler.
4
C2+
External capacitor “+” internal voltage inverter.
5
C2-
External capacitor “-” internal voltage inverter.
6
V-
Internally generated -10V (typical) supply.
7T2OUT
RS-232 Transmitter 2 output
10V (typical).
8R2IN
RS-232 Receiver 2 input, with internal 5k pulldown resistor to GND.
9
R2out
Receiver 2 TTL/CMOS output.
10
T2IN
Transmitter 2 TTL/CMOS input, with internal 400k pullup resistor to VCC.
11
T1IN
Transmitter 1 TTL/CMOS input, with internal 400k pullup resistor to VCC.
12
R1OUT
Receiver 1 TTL/CMOS output.
13
R1IN
RS-232 Receiver 1 input, with internal 5k pulldown resistor to GND.
14
T1OUT
RS-232 Transmitter 1 output
10V (typical).
15
GND
Supply Ground
16
VCC
Positive Power Supply +5V
10%.
Ordering Information
PART NUMBER
(Notes 1, 2)
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG
DWG. #
ICL232CBEZ
0 to +70
16 Ld SOIC
M16.3
ICL232CBEZT (Note 3)
0 to +70
16 Ld SOIC
M16.3
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see product information page for ICL232. For more information on MSL, please see tech brief TB363.
3. Please refer to TB347 for details on reel specifications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com