Electronic Components Datasheet Search
  English  ▼

X  

ISL4089 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL4089
Description  DC-Restored Video Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL4089 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL4089 Datasheet HTML 1Page - Renesas Technology Corp ISL4089 Datasheet HTML 2Page - Renesas Technology Corp ISL4089 Datasheet HTML 3Page - Renesas Technology Corp ISL4089 Datasheet HTML 4Page - Renesas Technology Corp ISL4089 Datasheet HTML 5Page - Renesas Technology Corp ISL4089 Datasheet HTML 6Page - Renesas Technology Corp ISL4089 Datasheet HTML 7Page - Renesas Technology Corp ISL4089 Datasheet HTML 8Page - Renesas Technology Corp ISL4089 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN6192 Rev 1.00
Page 1 of 10
June 28, 2006
FN6192
Rev 1.00
June 28, 2006
ISL4089
DC-Restored Video Amplifier
DATASHEET
The ISL4089 is complete DC-restored monolithic video
amplifier sub-system. It contains a high performance video
amplifier and a nulling, sample-and-hold amplifier designed
to establish a programmable DC output level.
When the HOLD logic input “0” is applied the DC restore
function is active. The sample-and-hold amplifier loop is
closed and used to null the DC offset of the video amplifier.
This can occur during sync, or, at any time that a black level
is expected. When the HOLD input “1” is applied, the
correcting voltage is stored on the video amplifier’s input
coupling capacitor. This condition must be true during active
video. The restored DC voltage level can be adjusted using
an external reference voltage applied to the VREF pin.
The device operates from a single +5V supply and is ideal
for +5V only systems when used with a sync separator, such
as the EL1883.
The ISL4089 is intended to directly replace the EL4089 only
in certain applications. This direct replacement requires that
the single positive supply is no higher than +5.5V and that no
part of the clamped output goes below ground. The NC on
pin 6 is not internally connected, so it can be connected to
the -5V pin in existing EL4089 applications.
The ISL4089 is specified for operation over -40°C to +85°C
temperature range.
Pinout
ISL4089
(8 Ld SOIC)
TOP VIEW
Features
• Complete video level DC-restoration system
• 0.03% differential gain and 0.05° differential phase
accuracy
• 300MHz -3dB small signal bandwidth at AV = 1
• 150MHz -3dB small signal bandwidth at AV = 2
• 300V/µs Slew Rate
• 0.1dB flatness to 80MHz
• +5V single supply operation
• TTL/CMOS compatible hold signal
• Pb-free plus anneal available (RoHS compliant)
Applications
• Input amplifier in video equipment
• DC-restoration amplifier in video mixers
Related Documents
• AN1261: ISL4089EVAL1 User’s Guide
• AN1089: EL4089 and EL4390 DC-Restored Video
Amplifier
+
-
+
GND
N/C
V
OUT
V+
HOLD
V
REF
IN+
IN-
+
-
+
+
-
+
GND
N/C
V
OUT
V+
HOLD
V
REF
IN+
IN-
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
ISL4089IBZ
(See Note)
4089IBZ
-
8 Ld SO
(Pb-free)
MDP0027
ISL4089IBZ-T7
(See Note)
4089IBZ
7”
8 Ld SO
(Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.


Similar Part No. - ISL4089

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4089 INTERSIL-ISL4089 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
ISL4089IBZ INTERSIL-ISL4089IBZ Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
ISL4089IBZ-T7 INTERSIL-ISL4089IBZ-T7 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
More results

Similar Description - ISL4089

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
100 MHz DC-Restored Video Amplifier
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
DC Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
DC Restored Video Amplifier
July 1998
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
300MHz DC-Restored Video Amplifier
January 1996
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
100MHz DC-Restored Video Amplifier
August 1995
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
300MHz DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
DC Restored Video Amplifier
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com