Electronic Components Datasheet Search
  English  ▼

X  

ISL4089IBZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL4089IBZ
Description  DC-Restored Video Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL4089IBZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL4089IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL4089IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL4089IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL4089IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL4089IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL4089IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL4089IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL4089IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL4089IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ISL4089
FN6192 Rev 1.00
Page 3 of 10
June 28, 2006
0.1dB BW
0.1dB Gain Flatness; Unity Gain
RF = 0; RG = inf.; CL = 0.6pF
VOUT = 0.2VP-P
70
MHz
RF = 0; RG = inf.; CL = 0.6pF
VOUT = 2VP-P
60
MHz
0.1dB Gain Flatness; AV = +2
CL = 0.6pF, VOUT = 0.2VP-P
80
MHz
CL = 0.6pF, VOUT = 2VP-P
50
MHz
dG
Differential Gain Error
NTC-7, Restore on sync tip
0.03
%
dP
Differential Phase Error
NTC-7, Restore on sync tip
0.05
°
RESTORE SECTION
THE
Time to Enable Hold; 50% to 50%
HOLD input 0V to +5V
40
ns
THD
Time to Disable Hold; 50% to 50%
HOLD input 5V to 0V
20
ns
NOTE:
1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values
Typical Performance Curves VS = +5V, RL = 150 to GND, CL = 0.6pF, TA = 25°C, unless otherwise specified.
FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY for
VARIOUS GAINS
FIGURE 2. LARGE SIGNAL GAIN vs FREQUENCY for
VARIOUS GAINS
FIGURE 3. LARGE SIGNAL GAIN vs FREQUENCY vs CL
FIGURE 4. SMALL SIGNAL GAIN vs RF, RG
AC Electrical Specifications
VS = +5V, VREF = 0VDC, RL = 150, RF and RG = 475; AV = 2, TA = +25°C. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNITS
-10
-8
-6
-4
-2
0
2
4
6
1M
10M
100M
500M
FREQUENCY (Hz)
8
10
VOUT = 0.2VP-P
RL = 150
AV = 2
RF = RG = 475
RF = 0
AV = 1
AV=4
RF = 475
RG = 158
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
500M
FREQUENCY (Hz)
VOUT = 2VP-P
RL = 150
AV = 4
RF = 475
RG = 158
AV = 1
RF = 0
AV = 2
RF = RG = 475
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
500M
FREQUENCY (Hz)
VOUT = 2VP-P
RL = 150
AV = 2
CL= 0.6pF
AV = 2
CL= 22pF
AV = 1
CL= 0.6pF to 22pF
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
500M
FREQUENCY (Hz)
RF = RG = 301
VOUT = 0.2VP-P
RL = 150
AV = 2
RF = RG = 1k
RF = RG = 475



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com