Electronic Components Datasheet Search
  English  ▼

X  

MPC755 Datasheet(PDF) 27 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 27 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 23Page - Motorola, Inc MPC755 Datasheet HTML 24Page - Motorola, Inc MPC755 Datasheet HTML 25Page - Motorola, Inc MPC755 Datasheet HTML 26Page - Motorola, Inc MPC755 Datasheet HTML 27Page - Motorola, Inc MPC755 Datasheet HTML 28Page - Motorola, Inc MPC755 Datasheet HTML 29Page - Motorola, Inc MPC755 Datasheet HTML 30Page - Motorola, Inc MPC755 Datasheet HTML 31Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
27
Pinout Listings
INT
B15
Low
Input
OVDD
L1_TSTCLK
D11
High
Input
—
2
L2_TSTCLK
D12
High
Input
—
2
LSSD_MODE
B10
Low
Input
—
2
MCP
C13
Low
Input
OVDD
NC (No Connect)
B7, B8, C3, C6, C8, D5, D6, H4, J16, A4, A5, A2, A3, B5
—
—
—
OVDD
C7, E5, E7, E10, E12, G3, G5, G12, G14, K3, K5, K12,
K14, M5, M7, M10, M12, P7, P10
—
—
2.5 V/3.3 V
PLL_CFG[0:3]
A8, B9, A9, D9
High
Input
OVDD
QACK
D3
Low
Input
OVDD
QREQ
J3
Low
Output
OVDD
RSRV
D1
Low
Output
OVDD
SMI
A16
Low
Input
OVDD
SRESET
B14
Low
Input
OVDD
SYSCLK
C9
—
Input
OVDD
TA
H14
Low
Input
OVDD
TBEN
C2
High
Input
OVDD
TBST
A14
Low
I/O
OVDD
TCK
C11
High
Input
OVDD
TDI
A11
High
Input
OVDD
5
TDO
A12
High
Output
OVDD
TEA
H13
Low
Input
OVDD
TLBISYNC
C4
Low
Input
OVDD
TMS
B11
High
Input
OVDD
5
TRST
C10
Low
Input
OVDD
5
TS
J13
Low
I/O
OVDD
TSIZ[0:2]
A13, D10, B12
High
Output
OVDD
TT[0:4]
B13, A15, B16, C14, C15
High
I/O
OVDD
WT
D2
Low
Output
OVDD
VDD
F6, F8, F9, F11, G7, G10, H6, H8, H9, H11, J6, J8, J9,
J11, K7, K10, L6, L8, L9, L11
—
—
2.0 V
Table 14. Pinout Listing for the MPC745, 255 PBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Voltage 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com