Electronic Components Datasheet Search
  English  ▼

X  

MP7616KS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7616KS
Description  15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7616KS Datasheet(HTML) 1 Page - Exar Corporation

  MP7616KS Datasheet HTML 1Page - Exar Corporation MP7616KS Datasheet HTML 2Page - Exar Corporation MP7616KS Datasheet HTML 3Page - Exar Corporation MP7616KS Datasheet HTML 4Page - Exar Corporation MP7616KS Datasheet HTML 5Page - Exar Corporation MP7616KS Datasheet HTML 6Page - Exar Corporation MP7616KS Datasheet HTML 7Page - Exar Corporation MP7616KS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP7616
1
Rev. 2.00
FEATURES
• Monolithic CMOS Construction
• Full Four-Quadrant Multiplication
• Excellent Stability Over Temperature and Time
• TTL/5 V CMOS Compatible
• Guaranteed Monotonic
15 V CMOS
16-Bit Multiplying
Digital-to-Analog Converter
• Low Sensitivity to Output Amplifier Vos
• Low Glitch Energy
• Buffered Version: MP7626
• 5 V Version: MP7616B
GENERAL DESCRIPTION
The MP7616 is a high density 16-bit CMOS multiplying Digi-
tal-to-Analog Converter.
Silicon nitride passivation and un-
trimmed silicon chromium resistors have been combined to pro-
vide long term stability and reliability. Using the most significant
bit (MSB) segmentation technique, the MP7616 features 13-bit
(0.012%) differential and 12-bit (0.01%) integral linearity.
To achieve 13-bit linearity without laser trim, the MP7616 digi-
tally decodes the four MSB’s into 15 equal current sources,
rather than the standard binary-weighted sources. Each resis-
tor contributes only 1/16 full scale output thus reducing the
matching accuracy requirement of the resistor and CMOS
switches from 0.0015% to 0.024%.
The decoding technique achieves an eightfold improvement
in differential linearity stability over temperature, an eightfold im-
provement in relative accuracy due to aging effects (long term
stability), a fourfold improvement in glitch amplitude, and a ten-
fold reduction in sensitivity to output amplifier offset voltage.
SIMPLIFIED BLOCK DIAGRAM
4 to 15 Decoder
R
RRRRRR
RRRRRRR
R
12-Bit
DAC
MSB
45
LSB
To 12-Bit DAC
To Switches
RFB
IOUT2
IOUT1
VDD
VREF
GND
1
16


Similar Part No. - MP7616KS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AP EXAR-MP7610AP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AS EXAR-MP7610AS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BP EXAR-MP7610BP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BS EXAR-MP7610BS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
More results

Similar Description - MP7616KS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7533 EXAR-MP7533 Datasheet
83Kb / 8P
15 V CMOS Multiplying10-Bit Digital-to-Analog Converter
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
Texas Instruments
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com