Electronic Components Datasheet Search
  English  ▼

X  

MSK4300D Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK4300D
Description  10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4300D Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK4300D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4300D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4300D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4300D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4300D Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MSK4300 H U
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
MECHANICAL SPECIFICATIONS
Rev. C 6/00
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
ESD Triangle Indicates Pin 1.
NOTE: ALL DIMENSIONS ARE ±.010 INCHES UNLESS OTHERWISE LABELED.
ORDERING INFORMATION
The above example is a Military grade hybrid with leads bent up.
LEAD CONFIGURATIONS
S= STRAIGHT; U= BENT UP; D= BENT DOWN
SCREENING
BLANK= INDUSTRIAL; H= MIL-PRF-38534
GENERAL PART NUMBER
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com