Electronic Components Datasheet Search
  English  ▼

X  

ISL6121LIB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6121LIB
Description  Single Supply Integrated Current Limiting Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6121LIB Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6121LIB Datasheet HTML 1Page - Renesas Technology Corp ISL6121LIB Datasheet HTML 2Page - Renesas Technology Corp ISL6121LIB Datasheet HTML 3Page - Renesas Technology Corp ISL6121LIB Datasheet HTML 4Page - Renesas Technology Corp ISL6121LIB Datasheet HTML 5Page - Renesas Technology Corp ISL6121LIB Datasheet HTML 6Page - Renesas Technology Corp ISL6121LIB Datasheet HTML 7Page - Renesas Technology Corp ISL6121LIB Datasheet HTML 8Page - Renesas Technology Corp ISL6121LIB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL6121
FN9004 Rev 2.00
Page 2 of 11
November 12, 2004
Simplified Block Diagram
GND
VIN
VIN
EN
FAULT
OUT
OUT
OUT
Q-PUMP
CURRENT AND TEMP.
POR
MONITORING, GATE AND
OUTPUT CONTROL
LOGIC
LOGIC
Pin Descriptions
PIN #
SYMBOL
FUNCTION
DESCRIPTION
1
GND
IC GND Reference
2, 3
VIN
Chip Bias, Controlled
Supply Input, Undervoltage
Lock-Out
VIN provides chip bias voltage. At VIN < 2.5V chip functionality is disabled, FAULT latch
is cleared and floating. OUT is pulled and held low.
4
ENABLE /
ENABLE
Enable / Enable Not Input
Enables chip when VIN and ENABLE > 2.5V or ENABLE < 0.6V
5
FAULT
Over Current Fault Indicator Overcurrent fault indicator. FAULT is disabled for 12ms after turn-on. This output is pulled
low to GND after the current limit time-out period has expired and stays latched until
ENABLE is deasserted.
6, 7, 8
VOUT
Controlled Supply Output
Voltage output, connect to load to protect. Upon an overcurrent condition VOUT is current
limited to 2A. Current limit response time is within 200
S. This output will remain in current
limit for approximately 12ms before being latched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com