Electronic Components Datasheet Search
  English  ▼

X  

AO22 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AO22
Description  circuit providing the logical function
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AO22 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AO22 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AO22 is an AND/OR circuit providing the logical function Q = (A.B+C.D).
AO22
A
B
C
Q
D
AB
C
D
Q
Ci (pF)
L
X
L
X
L
A
0.048
X
L
L
X
L
B
0.042
L
X
X
L
L
C
0.055
X
L
X
L
L
D
0.051
HH
X
X
H
XX
H
H
H
Area
Power
0.81 mils
2
2.84 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Delay A to Q
tpdar
0.56
1.94
2.64
0.75
2.11
2.78
tpdaf
0.56
1.68
2.17
0.74
1.84
2.39
Delay B to Q
tpdbr
0.57
1.94
2.66
0.66
1.98
2.67
tpdbf
0.59
1.70
2.27
0.79
1.91
2.43
Delay C to Q
tpdcr
0.48
1.87
2.52
0.61
1.93
2.62
tpdcf
0.51
1.59
2.15
0.75
1.85
2.37
Delay D to Q
tpddr
0.49
1.87
2.53
0.54
1.87
2.56
tpddf
0.54
1.64
2.17
0.83
1.92
2.49
Output Slope A to Q
op_slar
0.93
5.33
7.50
0.90
5.23
7.50
op_slaf
0.66
3.72
4.96
0.68
3.51
5.28
Output Slope B to Q
op_slbr
0.95
5.32
7.50
0.90
5.22
7.48
op_slbf
0.66
3.70
5.17
0.70
3.73
5.33
Output Slope C to Q
op_slcr
0.91
5.32
7.55
0.88
5.20
7.46
op_slcf
0.67
3.50
5.06
0.67
3.51
5.20
Output Slope D to Q
op_sldr
0.91
5.33
7.52
0.91
5.21
7.41
op_sldf
0.68
3.72
5.03
0.67
3.53
5.15
Sept. 1996
- 55 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
AO22


Similar Part No. - AO22

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AO20A48 ASTEC-AO20A48 Datasheet
155Kb / 2P
120Watts DC-DC Converter
AO20A48-6 ASTEC-AO20A48-6 Datasheet
155Kb / 2P
120Watts DC-DC Converter
AO20A48-6L ASTEC-AO20A48-6L Datasheet
155Kb / 2P
120Watts DC-DC Converter
AO20A48-6S ASTEC-AO20A48-6S Datasheet
155Kb / 2P
120Watts DC-DC Converter
AO20A48-6SL ASTEC-AO20A48-6SL Datasheet
155Kb / 2P
120Watts DC-DC Converter
More results

Similar Description - AO22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN321 ETC-AN321 Datasheet
15Kb / 2P
AND / NOR circuit providing the logical function
AN222 ETC-AN222 Datasheet
15Kb / 2P
AND / NOR circuit providing the logical function Q = NOT (A.BC.DE.F)
logo
ams AG
OA31 AMSCO-OA31 Datasheet
9Kb / 1P
OA31 is an OR / AND circuit providing the logical function Q = [ (ABC)D ]
OA211 AMSCO-OA211 Datasheet
9Kb / 1P
OA211 is an OR / AND circuit providing the logical function Q = [ (AB).C.D ].
AO331 AMSCO-AO331 Datasheet
15Kb / 2P
AND / OR circuit providing the logical function Q
logo
List of Unclassifed Man...
OA32 ETC-OA32 Datasheet
15Kb / 2P
OA32 is an OR / AND circuit providing the logical function Q = [ (ABC).(DE) ].
AO211 ETC-AO211 Datasheet
9Kb / 1P
AO211 is an AND / OR circuit providing the logical function Q = (A.BCD).
OA22 ETC1-OA22 Datasheet
11Kb / 1P
OR / AND circuit providing the logical function Q
ON21 ETC1-ON21 Datasheet
10Kb / 1P
ON21 is an OR / NAND circuit providing the logical function Q = NOT ( (AB) C )
logo
ams AG
AO311 AMSCO-AO311 Datasheet
13Kb / 1P
AO311 is an AND / OR circuit providing the logical function Q = (A.B.CDE).
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com