Electronic Components Datasheet Search
  English  ▼

X  

CCF50 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CCF50
Description  Metal Film Resistors, Industrial, 1%, 5% Tolerance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CCF50 Datasheet(HTML) 2 Page - Vishay Siliconix

  CCF50 Datasheet HTML 1Page - Vishay Siliconix CCF50 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
15
CCF50
Vishay Dale
Document Number: 31014
Revision 19-Aug-04
For Technical Questions, contact ff2bresistors@vishay.com
DIMENSIONS in inches [millimeters]
PERFORMANCE
* Tests per MIL-R-10509.
TEST*
Thermal Shock
Short Time Overload
Low Temperature Operation
Moisture Resistance
Resistance to Soldering Heat
Shock
Vibration
Life
Terminal Strength
Dielectric Withstanding Voltage
TYPICAL
∆R
± 0.1%
± 0.1%
± 0.1%
± 0.2%
± 0.05%
± 0.1%
± 0.05%
± 0.5%
± 0.1%
± 0.05%
Metal Film Resistors, Industrial
E
D
B
C
Max.
DIMENSION
INCHES
MILLIMETERS
A
0.133 ± 0.010
[3.38 ± 0.025]
B
0.062 ± 0.004
[1.57 ± 0.10]
C(Max)
0.143
[3.63]
D
0.020 ± 0.002
[0.51 ± 0.05]
E
1.125 ± 0.040
[28.58 ± 1.02]
A
MARKING
— 5 band colorband for ± 1%
— 4 band colorband for ± 5%
-65 -50
-25
0
25
50
70 75 100
125 150 165 175 200
AMBIENT TEMPERATURE IN ˚C
DERATING
0
20
40
60
80
100
120



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com