Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG104YGLFT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9FG104YGLFT
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG104YGLFT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9FG104YGLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG104YGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG104YGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG104YGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG104YGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG104YGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG104YGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG104YGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG104YGLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9FG104
0839D—06/02/05
The ICS9FG104 is a Frequency Timing Generator that provides 4 differential output pairs that are compliant to the Intel CK410
specification. It also provides support for PCI-Express and SATA. The part synthesizes several output frequencies from either
a 14.31818 Mhz crystal or a 25 MHz crystal. The device can also be driven by a reference input clock instead of a crystal. It
provides outputs with cycle-to-cycle jitter of less than 50 ps and output-to-output skew of less than 35 ps.
The ICS9FG104 also provides a copy of the reference clock. Frequency selection can be accomplished via strap pins or
SMBus control.
General Description
Block Diagram
Power Groups
STOP
LOGIC
XIN/CLKIN
X2
DIF(3:0)
CONTROL
LOGIC
SPREAD
FS(2:0)
SDATA
SCLK
SEL14M_25M#
DIF_STOP#
PROGRAMMABLE
SPREAD PLL
4
IREF
2
OSC
R EF OU T
VDD
GND
34
9,21
10,20
28
27
IREF, Analog VDD, GND for PLL Core
Description
Pin Number
REFOUT, Digital Inputs
DIF Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com