Electronic Components Datasheet Search
  English  ▼

X  

CDCV304TPWREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV304TPWREP
Description  200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV304TPWREP Datasheet(HTML) 1 Page - Texas Instruments

  CDCV304TPWREP Datasheet HTML 1Page - Texas Instruments CDCV304TPWREP Datasheet HTML 2Page - Texas Instruments CDCV304TPWREP Datasheet HTML 3Page - Texas Instruments CDCV304TPWREP Datasheet HTML 4Page - Texas Instruments CDCV304TPWREP Datasheet HTML 5Page - Texas Instruments CDCV304TPWREP Datasheet HTML 6Page - Texas Instruments CDCV304TPWREP Datasheet HTML 7Page - Texas Instruments CDCV304TPWREP Datasheet HTML 8Page - Texas Instruments CDCV304TPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
4
8
7
6
5
CLKIN
OE
1Y0
GND
1Y3
1Y2
VDD
1Y1
TSSOP
PW PACKAGE
(TOP VIEW)
3
5
7
8
1Y0
1Y1
1Y2
1Y3
Logic
Control
2
1
OE
CLKIN
CDCV304-EP
www.ti.com
SCAS927A – MARCH 2012
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
Check for Samples: CDCV304-EP
1
FEATURES
•
General-Purpose and PCI-X 1:4 Clock Buffer
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Operating Frequency
•
Controlled Baseline
–
0 MHz to 200 MHz General-Purpose
•
One Assembly/Test Site
•
Low Output Skew: <100 ps
•
One Fabrication Site
•
Distributes One Clock Input to One Bank of
Four Outputs
•
Available in –40°C/105°C Temperature Range(1)
•
Output Enable Control that Drives Outputs
•
Extended Product Life Cycle
Low when OE is Low
•
Extended Product-Change Notification
•
Operates from Single 3.3-V Supply or 2.5-V
•
Product Traceability
Supply
•
PCI-X Compliant
•
8-Pin TSSOP Package
(1)
Custom temperature ranges available
DESCRIPTION
The CDCV304 is a high-performance, low-skew, general-purpose PCI-X compliant clock buffer. It distributes one
input clock signal (CLKIN) to the output clocks (1Y[0:3]). It is specifically designed for use with PCI-X
applications. The CDCV304 operates at 3.3 V and 2.5 V and is therefore compliant to the 3.3-V PCI-X
specifications.
The CDCV304 is characterized for operation from –40°C to 105°C.
Table 1. FUNCTION TABLE
FUNCTIONAL BLOCK DIAGRAM
INPUTS
OUTPUTS
CLKIN
OE
1Y[0:3]
L
L
L
H
L
L
L
H
L
H
H
H
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCV304TPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV304TPWREP TI1-CDCV304TPWREP Datasheet
502Kb / 13P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304TPWREP TI2-CDCV304TPWREP Datasheet
505Kb / 15P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
MARCH 2012
CDCV304TPWREP.A TI2-CDCV304TPWREP.A Datasheet
505Kb / 15P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
MARCH 2012
More results

Similar Description - CDCV304TPWREP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
140 MHz PCI-X clock buffer
2001 May 09
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
140-MHz PCI-X CLOCK BUFFER
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
Four Output PCI-X and General Purpose Buffer
logo
Texas Instruments
CDCV304 TI-CDCV304_09 Datasheet
293Kb / 12P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
Four Output PCI-X and General Purpose Buffer
logo
Texas Instruments
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304 TI1-CDCV304_12 Datasheet
506Kb / 14P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com