Electronic Components Datasheet Search
  English  ▼

X  

DCM Datasheet(PDF) 1 Page - Vicor Corporation

Part # DCM
Description  Isolated, Regulated DC-DC Converter Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM Datasheet(HTML) 1 Page - Vicor Corporation

  DCM Datasheet HTML 1Page - Vicor Corporation DCM Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
vicorpower.com
Rev 3.5
03/2018
Family of DCM Products
= Also Available in VIA package
ChiP and VIA Packages
DCM™ Family
Isolated, Regulated DC-DC Converter Modules
For use in: Industrial and Process Control, Distributed Power, ATE, Communications,
Defense/Aerospace, Semiconductor Manufacturing Equipment (SME), Transportation.
S
NRTL
CUS
C
US
®
Description
The DCM is an isolated, highly efficient, regulated DC-DC converter
utilizing high frequency zero-voltage switching (ZVS) topology,
operating from an unregulated, wide range input to generate an
isolated output. Modular DCM converters and downstream DC-DC
products support efficient power distribution, providing superior
power system performance and connectivity from a variety of
unregulated power sources to the point of load. Leveraging the
thermal and density benefits of Vicor’s ChiP packaging technology,
the DCM ChiP module offers flexible thermal management options
with very low top and bottom side thermal impedances while the
DCM VIA module additionally provides integrated EMI filtering,
tight output voltage regulation, and a secondary-referenced
control interface while retaining the fundamental design benefits
of the conventional brick architecture.
Features & Benefits
• Up to 600W, 43.5A continuous
• 93% peak efficiency
• Up to 1244W/in3 power density
• Up to 4,242VDC isolation
• ZVS high frequency switching
• Fully operational current limit
• OV, OC, UV, short circuit and thermal protection
• Integrated filtering, remote or local sense, enhanced
thermal management, and tight output voltage regulation
over all lines and load conditions for DCM VIA applications
Nominal
Input (V)
Package
Size
Power (W) by Nominal Output Voltage (V)
3.3
5
12
13.8
15
24
28
36
48
300 (180 – 420)
4623 ChiP or 3714 VIA
400
500
600
500
500
290 (160 – 420)
4623 ChiP
600
275 (120 – 420)
4623 ChiP
110
190
375
375
375
375
375
270 (160 – 420)
4623 ChiP or 3714 VIA
150
250
500
500
500
500
500
100 (43 – 154)
3623 ChiP
80
120
240
240
240
240
240
48 (36 – 75)
3623 ChiP or 3414 VIA
160
320
320
320
320
320
320
42 (9 – 75)
3623 ChiP
80
30 (9 – 50)
3623 ChiP
80
80
160
160
160
160
160
28 (16 – 50)
3623 ChiP or 3414 VIA
120
180
320
320
320
320
320
24 (18 – 36)
3623 ChiP
180
320
320
320
320
320
320
3414 VIA
3.38 x 1.40 x 0.37in
[85.9 x 35.5 x 9.4mm]
3714 VIA
3.75 x 1.40 x 0.37in
[95.1 x 35.5 x 9.4mm]
4623 ChiP
1.886 x 0.898 x 0.284in
[47.91 x 22.80 x 7.21mm]
3623 ChiP
1.524 x 0.898 x 0.284in
[38.72 x 22.80 x 7.21mm]


Similar Part No. - DCM

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DCM XPPOWER-DCM Datasheet
600Kb / 2P
Open Frame Telecom DCDC Converter
logo
List of Unclassifed Man...
DCM ETC-DCM Datasheet
419Kb / 20P
Pressure switches and pressure monitors for overpressure
logo
Cooper Bussmann, Inc.
DCM-10 COOPER-DCM-10 Datasheet
233Kb / 1P
Midget Fuses, 600Vac/dc
logo
List of Unclassifed Man...
DCM-1031 ETC2-DCM-1031 Datasheet
920Kb / 3P
Electronically commutated BLDC motors. Featuring a single frame size, neodymium magnet technology
DCM-1035 ETC2-DCM-1035 Datasheet
920Kb / 3P
Electronically commutated BLDC motors. Featuring a single frame size, neodymium magnet technology
More results

Similar Description - DCM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MDCM28AP150M320A50 VICOR-MDCM28AP150M320A50 Datasheet
1Mb / 25P
Isolated, Regulated DC Converter
MDCM30AP120M160A50 VICOR-MDCM30AP120M160A50 Datasheet
1Mb / 25P
Isolated, Regulated DC Converter
MDCM30AP480M160A50 VICOR-MDCM30AP480M160A50 Datasheet
1Mb / 25P
Isolated, Regulated DC Converter
MDCM270P050M250A40 VICOR-MDCM270P050M250A40 Datasheet
2Mb / 25P
Isolated, Regulated DC Converter
DCM24AP280X320A50 VICOR-DCM24AP280X320A50 Datasheet
2Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50M04A2YZZ VICOR-DCM3623X50M04A2YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50M13C2YZZ VICOR-DCM3623X50M13C2YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T17A6YZZ VICOR-DCM3623X50T17A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T26A6YZZ VICOR-DCM3623X50T26A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T31A6YZZ VICOR-DCM3623X50T31A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com