Electronic Components Datasheet Search
  English  ▼

X  

MP2615 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2615
Description  2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2615 Datasheet HTML 13Page - Monolithic Power Systems MP2615 Datasheet HTML 14Page - Monolithic Power Systems MP2615 Datasheet HTML 15Page - Monolithic Power Systems MP2615 Datasheet HTML 16Page - Monolithic Power Systems MP2615 Datasheet HTML 17Page - Monolithic Power Systems MP2615 Datasheet HTML 18Page - Monolithic Power Systems MP2615 Datasheet HTML 19Page - Monolithic Power Systems MP2615 Datasheet HTML 20Page - Monolithic Power Systems MP2615 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP2615
– 2A, 1- CELL OR 2- CELL LI-ION BATTERY CHARGER
MP2615 Rev. 1.0
www.MonolithicPower.com
17
1/16/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Charge Current Setting
The constant charge current (ICC) of the MP2615
can be set by the sense resistor RS1 (see
Typical Application). The equation to determine
the
programmable
CC-charge
current
is
expressed as following,
CC
100mV
I
(A)
RS1(m )
(4)
To get 2A ICC, a RS1 of 50mΩ should be selected.
Accordingly, the trickle charge current (ITC) can
be obtained by the following equation,
(A)
)
RS1(m
10mV
10%I
I
CC
TC
(5)
Inductor Selection
To select the right inductor, a trade off should be
made between cost, size, and efficiency. An
inductor of lower inductance value corresponds
with smaller size, but it results in higher ripple
currents, higher magnetic hysteretic losses, and
higher output capacitances. Conversely, higher
inductance value is beneficial to getting a lower
ripple current and smaller output filter capacitors,
but resulting in higher inductor DC resistance
(DCR) loss. Based on practical experience, the
inductor ripple current should not exceed 30% of
the maximum charge current under worst cases.
For the MP2615 with a typical 12V input voltage
to charge a 2-cell battery, the maximum inductor
current ripple occurs at the corner point between
trickle charge and CC charge (VBATT = 6V).
Inductance estimations are as follow:
S
IN
BATT
L_MAX
BATT
IN
f
V
V
ΔI
V
-
V
L
(6)
Where VIN, VBATT, and fS are the typical input
voltage, the CC charge threshold, and the
switching frequency, respectively. And
L_MAX
ΔI
is
the maximum inductor ripple current, which is
usually 30% of the CC charge current.
CC
L_MAX
30%I
ΔI
(7)
Based on the condition where ICC = 2A, VIN = 12V,
VBATT = 6V and fs = 760kHz the calculated
inductance is 6.6µH. The inductor saturation
current must exceed 2.6A at least and have
some tolerance. To optimize efficiency, chose an
inductor with a DC resistance less than 5
0mΩ.
NTC Resistor Divider Selection
Figure shows that an internal resistor divider is
used to set the low temperature threshold and
high temperature threshold at 73.3%·VCC and
29.3%·VCC, respectively. For a given NTC,
thermistor, select appropriate RT1 and RT2 to set
the NTC window.
NTC
VCC
Low Temp Threshold
High Temp Threshold
RNTC
RT1
RT2
VTH_Low
VTH_High
Figure 5: NTC Function Block
The thermistor (NCP18XH103) noted above has
the following electrical characteristic:
At 0°C, RNTC_Cold = 27.445kΩ;
At 50°C, RNTC_Hot = 4.1601kΩ.
The following equations are derived assuming
that the NTC window is between 0°C and 50°C:
73.3%
=
VREF33
V
=
//R
R
+
R
//R
R
TH_Low
NTC_Cold
T2
T1
NTC_Cold
T2
(8)
29.3%
=
VREF33
V
=
//R
R
+
R
//R
R
TH_High
NTC_Hot
T2
T1
NTC_Hot
T2
(9)
According to Equation (8) (9), and the required
battery temperature range to calculate RT1 and
RT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com