Electronic Components Datasheet Search
  English  ▼

X  

TEP0501 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TEP0501
Description  Ultra Low Capacitance TVS/ESD Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TEP0501 Datasheet(HTML) 1 Page - Rectron Semiconductor

  TEP0501 Datasheet HTML 1Page - Rectron Semiconductor TEP0501 Datasheet HTML 2Page - Rectron Semiconductor TEP0501 Datasheet HTML 3Page - Rectron Semiconductor TEP0501 Datasheet HTML 4Page - Rectron Semiconductor TEP0501 Datasheet HTML 5Page - Rectron Semiconductor TEP0501 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ultra Low Capacitance TVS/ESDProtection Diode
DESCRIPTION
FEATURES
Transient protection for high-speed data lines
IEC 61000-4-2 (ESD)
±15kV (Air)
±8kV (Contact)
IEC 61000-4-4 (EFT) 40A (5/50 ns)
Cable Discharge Event (CDE)
Package optimized for high-speed lines
Ultra-small package (0.6mm
×0.3mm×0.25mm)
Protects one data, control or power line
Low capacitance: 0.25pF (Typical)
Low leakage current
Low clamping voltage
Lead finish: NiAu
MACHANICAL DATA
TEP0501SALC is
an
ultra-low
capacitance
Transient Voltage Suppressor (TVS) designed to
provide electrostatic discharge (ESD) protection
for high-speed data interfaces. With typical
capacitance of 0.25pF only, TEP0501SALC is
designed to protect parasitic-sensitive systems
against over-voltage and over-current transient
events. It complies with IEC 61000-4-2 (ESD),
Level 4 (±15kV air, ±8kV contact discharge), IEC
61000-4-4 (electrical fast transient - EFT) (40A,
5/50 ns), very fast charged device model (CDM)
ESD and cable discharge event (CDE), etc.
TEP0501SALC
uses
ultra-small
DFN0603
package. Each TEP0501SALC device can protect
one high-speed data line. It offers system
designers flexibility to protect single data line
where space is a premium concern. The
combined features of low capacitance, ultra-small
size
and
high
ESD
robustness
make
TEP0501SALC ideal for high-speed data port and
high-frequency line (e.g., USB 2.0 & antenna
line) applications, such as cellular phones and
HD visual devices.
DFN0603 package
Flammability Rating: UL 94V-0
Packaging: Tape and Reel
High temperature soldering guaranted:260
°C /10s
Reel size: 7 inch
ORDERING INFORMATION
APPLICATIONS
Device: TEP0501SALC
Package: DFN0603
Marking: Marking Code + Date Code
Material: Halogen free
Packing: Tape & Reel
Quantity per reel: 10,000pcs
Serial ATA
Desktops, Servers and Notebooks
Cellular Phones
MDDI Ports
USB2.0 Power and Data Line Protection
Display Ports
Digital Visual Interfaces (DVI)
CIRCUIT DIAGRAM
PIN CONFIGURATION
I/O 2
I/O 1
TEP0501
SALC
2016 -05
REV:O1


Similar Part No. - TEP0501

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEP0501CL RECTRON-TEP0501CL Datasheet
180Kb / 4P
TVS/ESD Protection Diode
TEP0501CM RECTRON-TEP0501CM Datasheet
102Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP0501D RECTRON-TEP0501D Datasheet
573Kb / 4P
Ultra Low Capacitance ESD Protection Diode
TEP0501M RECTRON-TEP0501M Datasheet
181Kb / 4P
TVS/ESD Protection Diode
More results

Similar Description - TEP0501

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEP0801S-15LC RECTRON-TEP0801S-15LC Datasheet
246Kb / 5P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0801SLC RECTRON-TEP0801SLC Datasheet
751Kb / 6P
Ultra Low Capacitance TVS/ESD Protection Diode
logo
SeCoS Halbleitertechnol...
SCESD0502L-C SECOS-SCESD0502L-C Datasheet
306Kb / 2P
Ultra Low Capacitance TVS/ESD Protection Diode
SZMD0502 SECOS-SZMD0502 Datasheet
209Kb / 2P
Ultra Low Capacitance TVS/ESD Protection Diode
logo
Rectron Semiconductor
TEP0302D RECTRON-TEP0302D Datasheet
181Kb / 4P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0306D RECTRON-TEP0306D Datasheet
531Kb / 5P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0502T5CL RECTRON-TEP0502T5CL Datasheet
198Kb / 4P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0502T5D RECTRON-TEP0502T5D Datasheet
178Kb / 5P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0502TD RECTRON-TEP0502TD Datasheet
199Kb / 4P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0801S-12LC RECTRON-TEP0801S-12LC Datasheet
255Kb / 5P
Ultra Low Capacitance TVS/ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com