Electronic Components Datasheet Search
  English  ▼

X  

LG-L890 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LG-L890
Description  SMT package SCD 80
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-L890 Datasheet(HTML) 5 Page - OSRAM GmbH

  LG-L890 Datasheet HTML 1Page - OSRAM GmbH LG-L890 Datasheet HTML 2Page - OSRAM GmbH LG-L890 Datasheet HTML 3Page - OSRAM GmbH LG-L890 Datasheet HTML 4Page - OSRAM GmbH LG-L890 Datasheet HTML 5Page - OSRAM GmbH LG-L890 Datasheet HTML 6Page - OSRAM GmbH LG-L890 Datasheet HTML 7Page - OSRAM GmbH LG-L890 Datasheet HTML 8Page - OSRAM GmbH LG-L890 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LG L890
2002-12-10
5
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von
± 11% ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of
± 11%.
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Lichtstärke
Luminous Intensity
I
V (mcd)
Lichtstrom
Luminous Flux
Φ
V (mlm)
K1
K2
L1
L2
M1
M2
7.1 …
9.0
9.0 … 11.2
11.2 … 14.0
14.0 … 18.0
18.0 … 22.4
22.4 … 28.0
30 (typ.)
40 (typ.)
50 (typ.)
65 (typ.)
80 (typ.)
100(typ.)
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: K1
Example: K1
Lichtgruppe
Luminous Intensity Group
Halbgruppe
Half Group
K1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com