Electronic Components Datasheet Search
  English  ▼

X  

CS5484 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 19Page - Cirrus Logic CS5484 Datasheet HTML 20Page - Cirrus Logic CS5484 Datasheet HTML 21Page - Cirrus Logic CS5484 Datasheet HTML 22Page - Cirrus Logic CS5484 Datasheet HTML 23Page - Cirrus Logic CS5484 Datasheet HTML 24Page - Cirrus Logic CS5484 Datasheet HTML 25Page - Cirrus Logic CS5484 Datasheet HTML 26Page - Cirrus Logic CS5484 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
CS5484
DS981F3
23
After reset, all four energy pulse generation blocks are
disabled (DOxMODE[3:0] = Hi-Z). To output a desired
energy pulse to a DOx pin, it is necessary to follow the
steps below:
1. Write to register PulseWidth (page 0, address 8) to
select the energy pulse width and pulse frequency
range.
2. Write to register PulseRate (page 18, address 28) to
select the energy pulse rate.
3. Write to register PulseCtrl (page 0, address 9) to
select the input to each energy pulse generation
block.
4. Write ‘1’ to bit EPGx_ON of register Config1 (page 0,
address 1) to enable the desired energy pulse
generation blocks.
5. Wait at least 0.1 seconds.
6. Write bits DOxMODE[3:0] of register Config1 to
select DOx to output pulses from the appropriate
energy pulse generation block.
7. Send DSP instruction (0xD5) to begin continuous
conversion.
PSUM Sign
QSUM Sign
P1 Sign
P2 Sign
Q1 Sign
Q2 Sign
V1/V2 Crossing
I1/I2 Crossing
DO1_OD
(Config1)
DO2_OD
(Config1)
DO4_OD
(Config1)
(PulseCtrl) EPGxIN[3:0]
DOxMODE[3:0]
(Config1)
DO4
DO2
DO1
Hi-Z
Interrupt
PSUM
QSUM
SSUM
P1AVG
P2AVG
Q1AVG
Q2AVG
S1AVG
S2AVG
PULSE RATE
EPGx_ON
(Config1)
MCLK
(PulseWidth) PW[7:0]
(PulseWidth) FREQ_RNG[3:0]
0000
0001
0010
0011
0100
0101
0110
0111
1000
4
4
8
4
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
RESERVED
RESERVED
DO3_OD
(Config1)
DO3
Figure 14. Energy Pulse Generation and Digital Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com