Electronic Components Datasheet Search
  English  ▼

X  

LG-Q396 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LG-Q396
Description  SMT package 0603, colorless diffused resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-Q396 Datasheet(HTML) 1 Page - OSRAM GmbH

  LG-Q396 Datasheet HTML 1Page - OSRAM GmbH LG-Q396 Datasheet HTML 2Page - OSRAM GmbH LG-Q396 Datasheet HTML 3Page - OSRAM GmbH LG-Q396 Datasheet HTML 4Page - OSRAM GmbH LG-Q396 Datasheet HTML 5Page - OSRAM GmbH LG-Q396 Datasheet HTML 6Page - OSRAM GmbH LG-Q396 Datasheet HTML 7Page - OSRAM GmbH LG-Q396 Datasheet HTML 8Page - OSRAM GmbH LG-Q396 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2015-06-12
1
2015-06-12
CHIPLED 0603
Datasheet
Version 1.1
LG Q396
Features:
Besondere Merkmale:
•
Package: SMT package 0603, colorless diffused
resin
•
Gehäusetyp: SMT Gehäuse 0603, farbloser
diffuser Verguss
•
Technology: InGaAlP
•
Technologie: InGaAlP
•
Viewing angle at 50 % IV: 150° (horizontal); 120°
(vertical)
•
Abstrahlwinkel bei 50 % IV: 150° (horizontal);
120° (vertical)
•
Color: green (573 nm)
•
Farbe: grün (573 nm)
Applications
Anwendungen
•
Information Displays
•
Informationsanzeigen
•
Optical Indicator
•
Optischer Indikator
•
Pushbuttons and Switches
•
Schalter und Taster


Similar Part No. - LG-Q396

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LG-Q396 AMSOSRAM-LG-Q396 Datasheet
2Mb / 23P
Chip LED 0603
2026-01-06
More results

Similar Description - LG-Q396

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOQ976-PS-25 OSRAM-LOQ976-PS-25 Datasheet
528Kb / 20P
SMT package 0603, colorless diffused resin
LA-L296 OSRAM-LA-L296 Datasheet
388Kb / 20P
SMT package 0603, colorless diffused resin
LB-L293 OSRAM-LB-L293 Datasheet
396Kb / 21P
SMT package 0603, colorless diffused resin
LB-Q39E OSRAM-LB-Q39E Datasheet
1Mb / 21P
SMT package 0603, colorless diffused resin
LG-L29K OSRAM-LG-L29K Datasheet
423Kb / 20P
SMT package 0603, colorless diffused resin
LO-L296 OSRAM-LO-L296 Datasheet
393Kb / 20P
SMT package 0603, colorless diffused resin
LP-L296 OSRAM-LP-L296 Datasheet
388Kb / 20P
SMT package 0603, colorless diffused resin
LS-L29K OSRAM-LS-L29K Datasheet
383Kb / 20P
SMT package 0603, colorless diffused resin
LS-L296 OSRAM-LS-L296 Datasheet
388Kb / 20P
SMT package 0603, colorless diffused resin
LY-L29K OSRAM-LY-L29K Datasheet
390Kb / 20P
SMT package 0603, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com