Electronic Components Datasheet Search
  English  ▼

X  

LG-T67F Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LG-T67F
Description  white PLCC-2 package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-T67F Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LG-T67F Datasheet HTML 4Page - OSRAM GmbH LG-T67F Datasheet HTML 5Page - OSRAM GmbH LG-T67F Datasheet HTML 6Page - OSRAM GmbH LG-T67F Datasheet HTML 7Page - OSRAM GmbH LG-T67F Datasheet HTML 8Page - OSRAM GmbH LG-T67F Datasheet HTML 9Page - OSRAM GmbH LG-T67F Datasheet HTML 10Page - OSRAM GmbH LG-T67F Datasheet HTML 11Page - OSRAM GmbH LG-T67F Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2012-03-12
8
Version 1.0
LG T67F
Forward Current 7) page 19
Durchlassstrom 7) Seite 19
I
F = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 19 , 8) page 19
Relative Lichtstärke 7) Seite 19 , 8) Seite 19
I
V/IV(20 mA) = f(IF); TS = 25 °C
1.8
2.0
2.2
2.4
2.6
2.8
VF [V]
10
20
30
40
50
60
70
IF [mA]
510
50
IF [mA]
0.2
0.3
0.4
0.5
1
2
3
4
IV
IV (20mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com