Electronic Components Datasheet Search
  English  ▼

X  

SLB9645 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # SLB9645
Description  Trusted Platform Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLB9645 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button SLB9645 Datasheet HTML 9Page - Infineon Technologies AG SLB9645 Datasheet HTML 10Page - Infineon Technologies AG SLB9645 Datasheet HTML 11Page - Infineon Technologies AG SLB9645 Datasheet HTML 12Page - Infineon Technologies AG SLB9645 Datasheet HTML 13Page - Infineon Technologies AG SLB9645 Datasheet HTML 14Page - Infineon Technologies AG SLB9645 Datasheet HTML 15Page - Infineon Technologies AG SLB9645 Datasheet HTML 16Page - Infineon Technologies AG SLB9645 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SLB9645
Trusted Platform Module
Electrical Characteristics
Data Sheet
13
Rev. 1.1, 2014-02-12
Hardware Description
4.4
AC Characteristics
TA = 25°C, VDD = 3.3V ± 0.3V or 1.8V ± 0.18V unless otherwise noted
4.5
I2C Standard/Fast Mode Interface Characteristics
The electrical characteristics are compliant to the NXP I²C bus specification [5] and [6] for “standard-mode”
(
f
SCL ≤ 100 kHz) and “fast-mode” (fSCL ≤ 400 kHz), with certain deviations stated in Table 11 and Table 12 below.
For printed circuit board design the reduced output fall time
t
OF compared to the NXP I²C bus specification needs
to be considered!
TA = 25°C, VDD = 3.3V ± 0.3V unless otherwise noted
Table 10
Device Reset
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Reset Pulse Width
t
RST
80
—
—
µs
Cold (power-on) reset
Reset Pulse Width
t
RST
10
—
—
µs
Warm reset
Table 11
I2C Standard Mode Interface Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
SCL clock frequency
f
SCL
0—
100
kHz
—
Output fall time from
V
IHmin to VILmax (at device
pin)
t
OF
—
—
75
ns
10 pF
≤ C
b ≤ 400 pF
SCL fall time (bus line,
output)
t
fSCL
——
25
ns
—
Table 12
I2C Fast Mode Interface Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
SCL clock frequency
f
SCL
0—
400
kHz
—
Hysteresis of input stage
V
HYS
0.05
—
—
V
—
Output fall time from
V
IHmin to VILmax (at device
pin)
t
OF
0.4
—
75
ns
10 pF
≤ C
b ≤ 400 pF
Spikes suppressed by
input filter
t
SP
—
20
—
ns
Input filter implemented for SCL,
not for SDA
SCL fall time (bus line,
output)
t
fSCL
——
25
ns
—
Input current (SCL, SDA)
I
I
-10
—
10
µA
VIN between 10% and 90% of the
supply voltage VDD; the condition
“If VDD is switched off, I/O pins of
fast-mode devices must not
obstruct the SDA and SCL lines” is
not fulfilled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com