Electronic Components Datasheet Search
  English  ▼

X  

PS2711 Datasheet(PDF) 2 Page - NEC

Part # PS2711
Description  NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2711 Datasheet(HTML) 2 Page - NEC

  PS2711 Datasheet HTML 1Page - NEC PS2711 Datasheet HTML 2Page - NEC PS2711 Datasheet HTML 3Page - NEC PS2711 Datasheet HTML 4Page - NEC PS2711 Datasheet HTML 5Page - NEC PS2711 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
VR
Reverse Voltage
V
6
IF
Forward Current (DC)
mA
50
∆PD/°C
Power Dissipation Derating
mW/°C
0.8
PD
Power Dissipation
mW
80
IF(Peak)
Peak Forward Current
A
0.5
PW = 100 µs, Duty Cycle 1%
Transistor
VCEO
Collector to Emitter Voltage
V
40
VECO
Emitter to Collector Voltage
V
5
IC
Collector Current
mA
40
∆PC/°C
Power Dissipation Derating
mW/°C
1.5
PC
Power Dissipation
mW
150
Coupled
BV
Isolation Voltage2
Vr.m.s.
3750
TA
Operating Ambient Temp.
°C
-55 to +100
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between
input and output.
PS2711-1
OUTLINE DIMENSIONS (Units in mm)
PIN CONNECTION (Top View)
1. Anode
2. Cathode
3. Emitter
4. Collector
43
1 2
1
2
4
3
4±0.5
7.0 ± 0.3
4.4
2.1±0.2
2.54
0.1 ± 0.1
0.15
+0.10
-0.05
0.5 ± 0.3
0.4
+0.10
-0.05
0.25 M
2711
N003
Assembly lot
03
Week Assembled
Year Assembled (last 1 digit)
0
No. 1 pin mark
Trademark
Type Number
CTR Rank Name
N
PACKAGE MARKING
PART
PACKAGE
PACKING
NUMBER
STYLE
PS2711-1
4-pin SOP
50 pcs (Tape 50 pcs cut)
PS2711-1-F3
Embossed Tape 3500 pcs/reel
PS2711-1-F4
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com