Electronic Components Datasheet Search
  English  ▼

X  

D17IA Datasheet(PDF) 2 Page - Mini-Circuits

Part # D17IA
Description  Directional Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

D17IA Datasheet(HTML) 2 Page - Mini-Circuits

  D17IA Datasheet HTML 1Page - Mini-Circuits D17IA Datasheet HTML 2Page - Mini-Circuits D17IA Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
Directional Coupler
REV. A
M154402
D17IA+
RS/CP/AM
151104
Electrical Specifications at 25°C
Pin Connections
Function
Pin Number
INPUT
4
OUTPUT
6
COUPLED
3
GROUND
1,2,5
Maximum Ratings4
Parameter
Ratings
Operating Temperature5
-40°C to 105°C
Storage Temperature
-65°C to 150°C
4. Permanent damage may occur if any of these limits are exceeded.
5. Ground lead temperature
D17IA+
50Ω
17 dB
2300 to 2600 MHz
Electrical Schematic
Features
• low mainline loss, 0.4 dB typ.
• excellent VSWR, 1.2:1 typ. at input / output
• excellent repeatability
• miniature low profile package
• aqueous washable
Parameter
Condition (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
2300
2600
MHz
Mainline Loss1
2300 - 2600
—
0.4
0.7
dB
Nominal Coupling
2300 - 2600
15.9
17.1
18.3
dB
Coupling Flatness(±)
2300 - 2600
—
0.5
—
dB
Directivity
2300 - 2600
9
14
—
dB
Return Loss (Input)
2300 - 2600
—
23
—
dB
Return Loss (Output)
2300 - 2600
—
23
—
dB
Return Loss (Coupling)
2300 - 2600
—
16
—
dB
Input Power2
2300 - 2600
—
—
4.0
W
Power at Internal Termination3
2300 - 2600
—
—
23
dBm
1. Mainline loss includes theoretical power loss at coupled port.
2. 4Watt CW when ground lead temperature to 85°C. Derate linearly to 3W at 105°C.
3. 23 dBm to 85°C. Derate linearly to +22dBm at 105°C.
CASE STYLE: CA531
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
* ESD rating
Human body model (HBM): Class 1B(500 to <1000 V) in accordance with ANSI/ESD 5.1-2007
Machine model (MM): Class M3 (200 to <400 V) in accordance with ANSI/ESD SMT 5.2 1999
Applications
• WLAN
• WMAX
• Aeronautical



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com